Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7466313R Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7466313R
Descripción Electrónicos  REDCUBE SMD right angled with Pins WP-SMRA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7466313R Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7466313R Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466313R Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466313R Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466313R Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466313R Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate
Max. Ramp Down Rate
Profile Feature
Value
Preheat Temperature Min 1)
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
60 - 150 seconds
Peak package body temperature
Tp
see table
Time within 5°C of actual peak temperaure
t p
20 - 30 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
8 minutes max.
Classification Reflow Soldering Profile:
1)
refer to IPC/JEDEC J-STD-020D
refer to IPC/ JEDEC J-STD-020E
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm 1)
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
Package Classification Reflow Temperature:
1)
refer to IPC/JEDEC J-STD-020D
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
SKl
DIN ISO 2768-1m
DESCRIPTION
REDCUBE SMD right angled with
Pins WP-SMRA
ORDER CODE
7466313R
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
002.000
Valid
2017-03-15
eiCan
3/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 7466313R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7466310R WURTH-7466310R Datasheet
381Kb / 5P
   REDCUBE SMD right angled with Pins WP-SMRA
More results

Descripción similar - 7466313R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7466310R WURTH-7466310R Datasheet
381Kb / 5P
   REDCUBE SMD right angled with Pins WP-SMRA
7466300R WURTH-7466300R Datasheet
356Kb / 5P
   REDCUBE SMD right angled without Pins WP-SMRA
7466303R WURTH-7466303R Datasheet
355Kb / 5P
   REDCUBE SMD right angled without Pins WP-SMRA
7466204R WURTH-7466204R Datasheet
395Kb / 5P
   REDCUBE SMD with internal blind-hole thread WP-SMBU
001.002
7466005R WURTH-7466005R Datasheet
411Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
746600430R WURTH-746600430R Datasheet
391Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
7466105R WURTH-7466105R Datasheet
412Kb / 5P
   REDCUBE SMD with internal blindhole thread with Pin WP-SMBU
7466205R WURTH-7466205R Datasheet
411Kb / 5P
   REDCUBE SMD with internal blind-hole thread WP-SMBU
7466004R WURTH-7466004R Datasheet
399Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
001.002
746600330R WURTH-746600330R Datasheet
390Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com