Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2791LD-L Datasheet(PDF) 10 Page - National Semiconductor (TI) |
|
|
LM2791LD-L Datasheet(HTML) 10 Page - National Semiconductor (TI) |
10 / 11 page Application Information (Continued) BRIGHTNESS CONTROL USING PWM Brigthness control can be implemented by pulsing a signal at the SD pin. The recommended signal should be between 100Hz to 1kHz. If the operating PWM frequency is much less than 100Hz, flicker may be seen in the LEDs. Likewise, if frequency is much higher, brightness in the LEDs will not be linear. When a PWM signal is used to drive the SD pin of the LM2791, connect BRGT pin to a maximun of GND. R SET value is selected using the above I SET equation as if BRGT pin is used. The brigthness is controlled by increasing and decreasing the duty cycle of the PWM. Zero duty cycle will turn off the brigthness and a 50% duty cycle waveform produces an average current of 7.5mA if R SET is set to produce a maximum LED current of 15mA. So the LED current varies linearly with the duty cycle. PARALLEL Dx OUTPUTS FOR INCREASED CURRENT DRIVE Outputs D1 and D2 may be connected together to drive a single LED. In such a configuration, two parallel current sources of equal value drive the single LED. R SET and V BRGT should be chosen so that the current through each of the outputs is programmed to 50% of the total desired LED current. For example, if 30mA is the desired drive current for the single LED, R SET and VBRGT should be selected so that the current through each of the outputs is 15mA. Connecting the outputs in parallel does not affect internal operation of the LM2791and has no impact on the Electrical Character- istics and limits previously presented. The available Dx out- put current, maximum Dx voltage, and all other specifica- tions provided in the Electrical Characteristics table apply to this parallel output configuration, just as they do to the standard 2-LED application circuit. THERMAL PROTECTION The LM2791 has internal thermal protection circuitry to dis- able the charge pump if the junction temperature exceeds 150˚C. This feature will protect the device from damage due to excessive power dissipation. The device will recover and operate normally when the junction temperature falls below the maximum operating junction temperature of 100˚C. It is important to have good thermal conduction with a proper layout to reduce thermal resistance. POWER EFFICIENCY An ideal power efficiency for a voltage doubler switched capacitor converter is given as the output voltage of the doubler over twice the input voltage as follows: Efficiency = (V DIODE*IDIODE)/(VIN *IDIODE* Gain) = V DIODE /2VIN In the case of the LM2791, a more accurate efficiency cal- culation can be applied as the given formula below. Efficiency = ((V D1*ID1)+(VD2*ID2))/(ISUPPLY*VIN) It is clear that the efficiency will depend on the supply voltage in the above equation. As such, the lower the supply voltage, the higher the efficiency. POWER DISSIPATION The maximum allowable power dissipation that this package is capable of handling can be determined as follows: P DMax =(TJMax -TA)/ θ JA where T JMax is the maximum junction temperature, TA is the ambient temperature, and θ JA is the junction-to-ambient thermal resistance of the specified package. The actual power dissipation of the device can be calculated using this equation: P Dissipation = (2VIN -VDIODE)*ILOAD As an example, if V IN in the target application is 4.2V, VDIODE = 3.0V and worse case current consumption is 32mA (16mA for each diode). P Dissipation = ((2*4.2) -3.0)*0.032 = 173mW Power dissipation must be less than that allowed by the package. Please refer to the Absolute Maximum Rating of the LM2791. PCB LAYOUT CONSIDERATIONS The LLP is a leadframe based Chip Scale Package (CSP) with very good thermal properties. This package has an exposed DAP (die attach pad) at the center of the package measuring 2.0mm x 1.2mm. The main advantage of this exposed DAP is to offer lower thermal resistance when it is soldered to the thermal land on the PCB. For PCB layout, National highly recommends a 1:1 ratio between the pack- age and the PCB thermal land. To further enhance thermal conductivity, the PCB thermal land may include vias to a ground plane. For more detailed instructions on mounting LLP packages, please refer to National Semiconductor Ap- plication Note AN-1187. www.national.com 10 |
Número de pieza similar - LM2791LD-L |
|
Descripción similar - LM2791LD-L |