Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD1117S33TR Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza LD1117S33TR
Descripción Electrónicos  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117S33TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD1117S33TR Datasheet HTML 7Page - STMicroelectronics LD1117S33TR Datasheet HTML 8Page - STMicroelectronics LD1117S33TR Datasheet HTML 9Page - STMicroelectronics LD1117S33TR Datasheet HTML 10Page - STMicroelectronics LD1117S33TR Datasheet HTML 11Page - STMicroelectronics LD1117S33TR Datasheet HTML 12Page - STMicroelectronics LD1117S33TR Datasheet HTML 13Page - STMicroelectronics LD1117S33TR Datasheet HTML 14Page - STMicroelectronics LD1117S33TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LD1117 series
Electrical characteristics
11/38
Table 9.
Electrical characteristics of LD1117#50
(refer to the test circuits, TJ = 0 to 125°C, CO = 10 µF, unless otherwise specified).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
VO
Output voltage
Vin = 7 V, IO = 10 mA, TJ = 25°C
4.95
5
5.05
V
VO
Output voltage
IO = 0 to 800 mA, Vin = 6.5 to 15 V
4.9
5.1
V
∆VO
Line regulation
Vin = 6.5 to 15 V, IO = 0 mA
1
10
mV
∆VO
Load regulation
Vin = 6.5 V, IO = 0 to 800 mA
1
15
mV
∆VO
Temperature stability
0.5
%
∆VO
Long term stability
1000 hrs, TJ = 125°C
0.3
%
Vin
Operating input voltage
IO = 100 mA
15
V
Id
Quiescent current
Vin ≤15 V
5
10
mA
IO
Output current
Vin = 10 V, TJ = 25°C
800
950
1300
mA
eN
Output noise voltage
B =10Hz to 10KHz, TJ = 25°C
100
µV
SVR
Supply voltage rejection
IO = 40 mA, f = 120Hz, TJ = 25°C
Vin = 8 V, Vripple = 1 VPP
60
75
dB
Vd
Dropout voltage
IO = 100 mA
1
1.1
V
IO = 500 mA
1.05
1.15
IO = 800 mA
1.10
1.2
Thermal regulation
Ta = 25°C, 30ms Pulse
0.01
0.1
%/W


Número de pieza similar - LD1117S33TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LD1117S33TR STMICROELECTRONICS-LD1117S33TR Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
More results

Descripción similar - LD1117S33TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
UR233 UTC-UR233_11 Datasheet
293Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
   Low drop fixed and adjustable positive voltage regulators
logo
E-Tech Electronics LTD
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com