Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS942 Datasheet(PDF) 2 Page - STMicroelectronics |
|
TS942 Datasheet(HTML) 2 Page - STMicroelectronics |
2 / 18 page Absolute maximum ratings and operating conditions TS94x, TS94xA, TS94xB 2/18 Doc ID 6972 Rev 6 1 Absolute maximum ratings and operating conditions Table 2. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage (1) 1. All voltage values, except differential voltage are with respect to network terminal. 12 V Vid Differential input voltage (2) 2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. ± VCC V Vin Input voltage range (3) 3. The magnitude of input and output voltages must never exceed VCC +0.3 V. VDD-0.3 to VCC+0.3 V Tstg Storage temperature range -65 to +150 °C Tj Maximum junction temperature 150 °C Rthja Thermal resistance junction to ambient (4) SOT23-5 SO-8 SO-14 TSSOP8 TSSOP14 4. Short-circuits can cause excessive heating and destructive dissipation. Rth are typical values. 250 125 103 120 100 °C/W Rthjc Thermal resistance junction to case (4) SOT23-5 SO-8 SO-14 TSSOP8 TSSOP14 81 40 31 37 32 °C/W ESD HBM: human body model (5) 5. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 k Ω resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 2kV MM: machine model (6) (TS941, TS942) 6. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations while the other pins are floating. 200 V CDM: charged device model (7) TS941 - TS944IDT TS942 - TS944IPT 7. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins. 1.5 1 kV Latch-up immunity 200 mA Lead temperature (soldering, 10sec) 250 °C |
Número de pieza similar - TS942 |
|
Descripción similar - TS942 |