Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE131 Datasheet(PDF) 1 Page - NTE Electronics

No. de pieza NTE131
Descripción Electrónicos  Germanium Complementary Transistors Audio Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE131 Datasheet(HTML) 1 Page - NTE Electronics

  NTE131 Datasheet HTML 1Page - NTE Electronics NTE131 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE131 (PNP) & NTE155 (NPN)
Germanium Complementary Transistors
Audio Power Amplifier
Description:
The NTE131 (PNP) and NTE155 (NPN) are Germanium PNP Alloy Junction transistors in a Japanese
TO66 type package designed for use in audio power amplifier applications.
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Base Voltage, VCBO
32V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCES
32V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
10V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Base Current, IB
200mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PC
6W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+90
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +90°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. NTE131MP is a matched pair of NTE131 with their DC Current Gain (hFE) matched to within
10% of each other.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cutoff Current
ICEV
VCE = 32V, VEB = 1V
1
mA
Emitter Cutoff Current
IEBO
VEB = 10V, IC = 0
1
mA
DC Current Gain
hFE1
VCB = 0, IE = 100mA
35
170
hFE2
VCB = 0, IE = 1A
36
185
Common–Emitter Cutoff Frequency
fαe
VCB = 2V, IE = 100mA
10
15
kHz
Base–Emitter ON Voltage
VBE
VCB = 0, IE = 1A
0.4
V
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 1A, IB = 100mA
0.08
V


Número de pieza similar - NTE131

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE1312 NTE-NTE1312 Datasheet
21Kb / 3P
   Integrated Circuit Vertical OSC, Amp
NTE1315 NTE-NTE1315 Datasheet
79Kb / 2P
   Integrated Circuit Module − 2 Power, 2 Channel AF Power Amplifier, 35W Min
NTE1316 NTE-NTE1316 Datasheet
77Kb / 2P
   Integrated Circuit Module, Dual, AF PO, 50W
NTE1317 NTE-NTE1317 Datasheet
23Kb / 2P
   Integrated Circuit Module, 2 Power, 2 Channel, AF Power Amplifier, 50W Min.
More results

Descripción similar - NTE131

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE102A NTE-NTE102A Datasheet
19Kb / 2P
   Germanium Complementary Transistors Medium Power Amplifier
NTE300 NTE-NTE300 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
NTE289A NTE-NTE289A Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
NTE102 NTE-NTE102 Datasheet
24Kb / 2P
   Germanium Complementary Transistors Power Output, Driver
NTE152 NTE-NTE152 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE186A NTE-NTE186A Datasheet
21Kb / 2P
   Silicon Complementary Transistors Medium Power Audio Amplifier
NTE241 NTE-NTE241 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE289 NTE-NTE289 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE297 NTE-NTE297 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Audio Amplifier, Driver
NTE284 NTE-NTE284 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Amplifier Output
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com