Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1303M0510DWV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC1303M0510DWV
Descripción Electrónicos  Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1303M0510DWV Datasheet(HTML) 1 Page - Texas Instruments

  AMC1303M0510DWV Datasheet HTML 1Page - Texas Instruments AMC1303M0510DWV Datasheet HTML 2Page - Texas Instruments AMC1303M0510DWV Datasheet HTML 3Page - Texas Instruments AMC1303M0510DWV Datasheet HTML 4Page - Texas Instruments AMC1303M0510DWV Datasheet HTML 5Page - Texas Instruments AMC1303M0510DWV Datasheet HTML 6Page - Texas Instruments AMC1303M0510DWV Datasheet HTML 7Page - Texas Instruments AMC1303M0510DWV Datasheet HTML 8Page - Texas Instruments AMC1303M0510DWV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Copyright © 2017, Texas Instruments Incorporated
Note: no CLKOUT connection using AMC1303Ex,
pin 7 to be connected to DGND in this case
DOUT
CLKOUT
DVDD
DGND
AGND
AINP
AINN
AVDD
AMC1303Mx
HV+
HV-
Floating
Power Supply
3.0 V, 3.3 V, or 5.0 V
RSHUNT
3.3 V or 5.0 V
SD-Cx
SD-Dx
TMS320F28x7x
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
AMC1303E0510, AMC1303M0510, AMC1303E0520, AMC1303M0520
AMC1303E2510, AMC1303M2510, AMC1303E2520, AMC1303M2520
SBAS771 – JUNE 2017
AMC1303x Small, High-Precision,
Reinforced Isolated Delta-Sigma Modulators with Internal Clock
1
1 Features
1
Pin-Compatible Family Optimized for Shunt-
Resistor-Based Current Measurements:
±50-mV or ±250-mV Input Voltage Ranges
Manchester Coded or Uncoded Bistream
Options
10-MHz and 20-MHz Clock Options
Excellent DC Performance:
Offset Error: ±100 µV (max)
Offset Drift: ±1 µV/°C (max)
Gain Error: ±0.2% (max)
Gain Drift: ±40 ppm/°C (max)
Transient Immunity: 100 kV/µs (typ)
System-Level Diagnostic Features
Safety-Related Certifications:
7000-VPK Reinforced Isolation per DIN V VDE
V 0884-11 (VDE V 0884-11): 2017-01
5000-VRMS Isolation for 1 Minute per UL1577
CAN/CSA No. 5A-Component Acceptance
Service Notice, IEC 60950-1, and IEC 60065
End Equipment Standards
Fully Specified Over the Extended Industrial
Temperature Range: –40°C to +125°C
2 Applications
Shunt-Resistor-Based Current Sensing and
Isolated Voltage Measurement in:
Industrial Motor Drives
Photovoltaic Inverters
Uninterruptible and Isolated Power Supplies
Power Factor Correction Circuits
3 Description
The AMC1303 (AMC1303x0510, AMC1303x0520,
AMC1303x2510, and AMC1303x2520) is a family of
precision, delta-sigma (ΔΣ) modulators with the
output separated from the input circuitry by a
capacitive double isolation barrier that is highly
resistant to magnetic interference. This barrier is
certified to provide reinforced isolation of up to 7000
VPK according to the DIN V VDE V 0884-11 and
UL1577 standards. Used in conjunction with isolated
power supplies, this isolated modulator separates
parts of the system that operate on different common-
mode voltage levels and protects lower-voltage parts
from damage.
The input of the AMC1303 is optimized for direct
connection to shunt resistors or other low voltage-
level signal sources. The ±50-mV input voltage range
option allows significant reduction of the power
dissipation through the shunt. The output bit-stream
of the AMC1303 is synchronized to the internally
generated
clock
and
is
Manchester
coded
(AMC1303Ex) or uncoded (AMC1303Mx). By using
an integrated digital filter (such as those in the
TMS320F2807x or TMS320F2837x microcontroller
families) to decimate the bitstream, the device can
achieve 16 bits of resolution with a dynamic range of
85 dB at an effective output data rate of 78 kSPS.
The bitstream output of the Manchester coded
AMC1303Ex versions supports single-wire data and
clock transfer without having to consider the setup
and hold time requirements of the receiving device.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC1303x
SOIC (8)
5.85 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Número de pieza similar - AMC1303M0510DWV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B TI1-AMC1300B Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC1300BDWV TI1-AMC1300BDWV Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300BDWVR TI1-AMC1300BDWVR Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
More results

Descripción similar - AMC1303M0510DWV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com