Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1303M0520DWV Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC1303M0520DWV
Descripción Electrónicos  Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1303M0520DWV Datasheet(HTML) 3 Page - Texas Instruments

  AMC1303M0520DWV Datasheet HTML 1Page - Texas Instruments AMC1303M0520DWV Datasheet HTML 2Page - Texas Instruments AMC1303M0520DWV Datasheet HTML 3Page - Texas Instruments AMC1303M0520DWV Datasheet HTML 4Page - Texas Instruments AMC1303M0520DWV Datasheet HTML 5Page - Texas Instruments AMC1303M0520DWV Datasheet HTML 6Page - Texas Instruments AMC1303M0520DWV Datasheet HTML 7Page - Texas Instruments AMC1303M0520DWV Datasheet HTML 8Page - Texas Instruments AMC1303M0520DWV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
AVDD
AINP
AINN
AGND
DVDD
DGND
DOUT
DGND
2
3
4
8
7
6
5
1
AVDD
AINP
AINN
AGND
DVDD
CLKOUT
DOUT
DGND
2
3
4
8
7
6
5
3
AMC1303E0510, AMC1303M0510, AMC1303E0520, AMC1303M0520
AMC1303E2510, AMC1303M2510, AMC1303E2520, AMC1303M2520
www.ti.com
SBAS771 – JUNE 2017
Product Folder Links: AMC1303E0510 AMC1303M0510 AMC1303E0520 AMC1303M0520 AMC1303E2510
AMC1303M2510 AMC1303E2520 AMC1303M2520
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
INPUT VOLTAGE RANGE
DIFFERENTIAL INPUT
RESISTANCE
DIGITAL OUTPUT
INTERFACE
INTERNAL CLOCK
FREQUENCY
AMC1303E0510
±50 mV
4.9 kΩ
Manchester coded CMOS
10 MHz
AMC1303E2510
±250 mV
22 kΩ
Manchester coded CMOS
AMC1303M0510
±50 mV
4.9 kΩ
Uncoded CMOS
AMC1303M2510
±250 mV
22 kΩ
Uncoded CMOS
AMC1303E0520
±50 mV
4.9 kΩ
Manchester coded CMOS
20 MHz
AMC1303E2520
±250 mV
22 kΩ
Manchester coded CMOS
AMC1303M0520
±50 mV
4.9 kΩ
Uncoded CMOS
AMC1303M2520
±250 mV
22 kΩ
Uncoded CMOS
6 Pin Configurations and Functions
AMC1303Mx: DWV Package
8-Pin SOIC
Top View
AMC1303Ex: DWV Package
8-Pin SOIC
Top View
Pin Functions
NAME
AMC1303Mx
AMC1303Ex
I/O
DESCRIPTION
AGND
4
4
Analog (high-side) ground reference
AINN
3
3
I
Inverting analog input
AINP
2
2
I
Noninverting analog input
AVDD
1
1
Analog (high-side) power supply, 3.0 V to 5.5 V.
See the Power Supply Recommendations section for decoupling recommendations.
CLKOUT
7
O
Modulator clock output, 10 MHz (on AMC1303Mxx10) or 20 MHz (on AMC1303Mxx20)
nominal
DGND
5
5
Digital (controller-side) ground reference
DGND
7
Connect this pin to the controller-side ground for AMC1303Ex derivates
DOUT
6
6
O
Modulator bitstream output. This pin is a Manchester coded output for the AMC1303Ex
derivates.
DVDD
8
8
Digital (controller-side) power supply, 2.7 V to 5.5 V.
See the Power Supply Recommendations section for decoupling recommendations.


Número de pieza similar - AMC1303M0520DWV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B TI1-AMC1300B Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC1300BDWV TI1-AMC1300BDWV Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300BDWVR TI1-AMC1300BDWVR Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
More results

Descripción similar - AMC1303M0520DWV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com