Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1766-SOT89 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

No. de pieza 2SD1766-SOT89
Descripción Electrónicos  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Página de inicio  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SD1766-SOT89 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SD1766-SOT89 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SD1766-SOT89 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SD1766-SOT89 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Collector Current Capability IC=2A
Collector Emitter Voltage VCEO=32V
High-speed switching.
Complements to 2SB1188
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
40
Collector - Emitter Voltage
VCEO
32
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
2
A
Collector Power Dissipation
PC
0.5
W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE=0
40
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB=0
32
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC=0
5
Collector-base cut-off current
ICBO
VCB= 20 V , IE=0
1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
1
Collector-emitter saturation voltage
VCE(sat) IC=2 A, IB=200mA
0.8
Base - emitter saturation voltage
VBE(sat) IC=2 A, IB=200mA
1.2
DC current gain
hFE
VCE= 3V, IC= 500mA
82
390
Collector output capacitance
Cob
VCB= 10V,IE=0, f=1MHz
30
pF
Transition frequency
fT
VCE= 5V, IE= 50mA,f=100MHz
100
MHz
V
uA
V
Classification of hfe
Type
2SD1776-P
2SD1776-Q
2SD1776-R
Range
82-180
120-270
180-390
Marking
DBP
DBQ
DBR
SMD Type
NPN Transistors
2SD1766
1
2
3
Simplified outline(SOT-89)
1.Base
2.Collector
3.Emitter
www.yfwdiode.com


Número de pieza similar - 2SD1766-SOT89

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
2SD1766-P SECOS-2SD1766-P Datasheet
248Kb / 2P
   2A, 40V NPN Epitaxial Planar Transistor
logo
Micro Commercial Compon...
2SD1766-P MCC-2SD1766-P Datasheet
711Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SD1766-Q SECOS-2SD1766-Q Datasheet
248Kb / 2P
   2A, 40V NPN Epitaxial Planar Transistor
logo
Micro Commercial Compon...
2SD1766-Q MCC-2SD1766-Q Datasheet
711Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SD1766-R SECOS-2SD1766-R Datasheet
248Kb / 2P
   2A, 40V NPN Epitaxial Planar Transistor
More results

Descripción similar - 2SD1766-SOT89

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com