Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS1A050099 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SS1A050099
Descripción Electrónicos  SIP REED RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SS1A050099 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SS1A050099 Datasheet HTML 1Page - List of Unclassifed Manufacturers SS1A050099 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
TOLL FREE 1 (888) 922-8330
Fax (732) 922-6363
n Dimensions
n Specifications
Life Expectancy
10 (signal level)
250VDC across open contact
1000VDC between coil and contact
Operating Temperature
-40°C ~ +85°C
Storage Temperature
-50°C ~ +125°C
Minimum Permissible Load
100mVDC 10 µA
Vibration
20g (10 ~ 2000Hz)
Shock
30g (11ms. 1/2 sine wave)
Resonant Frequency
3.5KHz
11
8
Minimum Breakdown Voltage
*High Resistance Coil Type
PCB Layout
Circuit
Schematic
Top View
1A
SPST-NO
1C
SPDT-CO
1A*
SPST-NO
(With Magnetic Shield)
Item
Contact Form
1A
Contact Resistance
100mW max. initial
Operate Time
0.5msec max.
Bounce Time
0.5msec max.
Release Time
0.2msec max.
Insulation Resistance
10 W min.
Power
10VA max.
Switching Voltage
200VDC max.
Switching Current
0.5Amps max.
Carry Current
1.0Amps max.


Número de pieza similar - SS1A050099

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
SS1A050099 COSMO-SS1A050099 Datasheet
367Kb / 2P
   OUTSIDE DIMENSION : UNIT ( mm )
More results

Descripción similar - SS1A050099

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DB Lectro Inc
101R-1A12D2 DBLECTRO-101R-1A12D2 Datasheet
967Kb / 2P
   SIP, DIP REED RELAYS
logo
RHOPOINT COMPONENTS
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
logo
Coto Technology
9001-05-00 COTO-9001-05-00 Datasheet
273Kb / 2P
   Molded SIP Reed Relays
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Clare, Inc.
CPC1906Y CLARE-CPC1906Y Datasheet
502Kb / 5P
   Power SIP Relay
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
   Power SIP Relay
CPC1926 CLARE-CPC1926 Datasheet
102Kb / 5P
   Power SIP Relay
CPC1916Y CLARE-CPC1916Y Datasheet
467Kb / 5P
   Power SIP Relay
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com