Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE1339 Datasheet(PDF) 2 Page - NTE Electronics

No. de pieza NTE1339
Descripción Electrónicos  Integrated Circuit Module, Hybrid, Dual Driver for 80W to 90W Audio Power Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1339 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1339 Datasheet HTML 1Page - NTE Electronics NTE1339 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pin Connection Diagram
(Front View)
(+) VCC1
(+) VCC2
GND
Left Channel Output
Left Channel Feedback
GND
10
9
8
7
6
5
4
3
GND
2
Left Channel Input
1
Right Channel Feedback
Right Channel Input
Right Channel Output
GND
15
14
13
12
GND
11
Right Channel Feedback
Left Channel Feedback
115
1.850 (47.0)
1.420 (36.0)
1.100
(27.9)
.515
(13.0)
.170 (4.3)
.100 (2.54)
.225 (5.7)


Número de pieza similar - NTE1339

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE133 NTE-NTE133 Datasheet
19Kb / 2P
   N.Channel JFET Silicon Transistor General Purpose AF Amplifier
NTE1330 NTE-NTE1330 Datasheet
21Kb / 2P
   Integrated Circuit Module - Hybrid, Dual, Audio Power Amplifier, 15W/Ch, 2 Power Supplies Required
NTE1331 NTE-NTE1331 Datasheet
20Kb / 2P
   Integrated Circuit Module - Dual, Audio Power Amplifier, 25W/Channel, 2 Power Supplies Required
NTE1333 NTE-NTE1333 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp, 40W, 2 Power Supplies Req?셝
NTE1337 NTE-NTE1337 Datasheet
83Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 70 Watt, 2 Power Supplies Required
More results

Descripción similar - NTE1339

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE1338 NTE-NTE1338 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Driver for 40W to 50W Audio Power Amp
NTE1218 NTE-NTE1218 Datasheet
20Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 7W/Ch
NTE1343 NTE-NTE1343 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 10W/Ch
NTE1359 NTE-NTE1359 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 22W/Ch
NTE1028 NTE-NTE1028 Datasheet
73Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp 20W
NTE15031 NTE-NTE15031 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 18W/Ch, Dual Power Supplies
NTE1879 NTE-NTE1879 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 18W/Ch, Dual Power Supplies
NTE1323 NTE-NTE1323 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp, 15 Watt
NTE1347 NTE-NTE1347 Datasheet
20Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 20W/Ch, 2 Power Supplies Required
NTE1345 NTE-NTE1345 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 30W/Ch, 2 Power Supplies Required
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com