Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5406DC Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI5406DC
Descripción Electrónicos  N-Channel 2.5-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5406DC Datasheet(HTML) 1 Page - Vishay Siliconix

  SI5406DC Datasheet HTML 1Page - Vishay Siliconix SI5406DC Datasheet HTML 2Page - Vishay Siliconix SI5406DC Datasheet HTML 3Page - Vishay Siliconix SI5406DC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D
TrenchFETr Power MOSFETS: 2.5-V Rated
D
Low Thermal Resistance
APPLICATIONS
D
Load/Power Switching for Cell Phones and
Pagers
D
PA Switch in Cellular Devices
D
Battery Operated Systems
Si5406DC
Vishay Siliconix
Document Number: 71657
S-21251—Rev. B, 05-Aug-02
www.vishay.com
2-1
N-Channel 2.5-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
12
0.020 @ VGS =4.5 V
9.5
12
0.025 @ VGS =2.5 V
8.5
1206-8 ChipFETt
t
t
t
D
D
D
G
D
D
D
S
1
Bottom View
D
G
S
N-Channel MOSFET
Marking Code
AC XXX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si5406DC-T1
ABSOLUTE MAXIMUM RATINGS (TA =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
12
V
Gate-Source Voltage
VGS
8
V
Continuous Drain Current (TJ = 150_C)a
TA =25_C
ID
9.5
6.9
Continuous Drain Current (TJ = 150_C)a
TA =85_C
ID
6.8
4.9
A
Pulsed Drain Current
IDM
20
A
Continuous Source Current (Diode Conduction)a
IS
2.1
1.1
Maximum Power Dissipationa
TA =25_C
PD
2.5
1.3
W
Maximum Power Dissipationa
TA =85_C
PD
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ,Tstg
--55 to 150
_
C
Soldering Recommendations (Peak Temperature)b, c
260
_
C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
M i
J
ti
t A bi ta
t ≤ 5sec
R
40
50
Maximum Junction-to-Ambienta
Steady State
RthJA
80
95
_
C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
15
20
C/
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation
process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder intercon-
nection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Número de pieza similar - SI5406DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5406CDC VISHAY-SI5406CDC Datasheet
143Kb / 7P
   N-Channel 12-V (D-S) MOSFET
Rev. A, 14-Apr-08
logo
Vishay Telefunken
SI5406CDC TFUNK-SI5406CDC Datasheet
251Kb / 11P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI5406CDC-T1-GE3 VISHAY-SI5406CDC-T1-GE3 Datasheet
143Kb / 7P
   N-Channel 12-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results

Descripción similar - SI5406DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9428DY VISHAY-SI9428DY Datasheet
38Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 26-May-03
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
logo
Guangdong Kexin Industr...
KI5404BDC KEXIN-KI5404BDC Datasheet
63Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV_17 Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI9426DY VISHAY-SI9426DY Datasheet
39Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 26-May-03
SI4466DY-T1-E3 VISHAY-SI4466DY-T1-E3 Datasheet
230Kb / 8P
   N-Channel 2.5-V (G-S) MOSFET
Rev. F, 04-May-09
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 18-Aug-03
SI3442BDV-T1-GE3 VISHAY-SI3442BDV-T1-GE3 Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
logo
Guangdong Kexin Industr...
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3446DV VISHAY-SI3446DV Datasheet
91Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com