Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XZMDK53W-3 Datasheet(PDF) 3 Page - SunLED Corporation

No. de pieza XZMDK53W-3
Descripción Electrónicos  Long life and robust package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNLED [SunLED Corporation]
Página de inicio  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMDK53W-3 Datasheet(HTML) 3 Page - SunLED Corporation

  XZMDK53W-3 Datasheet HTML 1Page - SunLED Corporation XZMDK53W-3 Datasheet HTML 2Page - SunLED Corporation XZMDK53W-3 Datasheet HTML 3Page - SunLED Corporation XZMDK53W-3 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number: XZMDK53W-3
1.6x0.8mm SMD CHIP LED LAMP
Sep 16, 2016
XDSA4070 V8-X Layout: Maggie L.
P. 3/4
The device has a single mounting surface.
The device must be mounted according to
the specifications.
Reel Dimension
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Número de pieza similar - XZMDK53W-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SunLED Corporation
XZMDK53W-1 SUNLED-XZMDK53W-1 Datasheet
245Kb / 4P
   Long life and robust package
XZMDK53W-8 SUNLED-XZMDK53W-8 Datasheet
269Kb / 4P
   Long life and robust package
XZMDK53W-8HTA SUNLED-XZMDK53W-8HTA Datasheet
323Kb / 6P
   1.6 x 0.8mm High Temperature Series
XZMDK53W-8ST SUNLED-XZMDK53W-8ST Datasheet
243Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
More results

Descripción similar - XZMDK53W-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SunLED Corporation
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
XZMER68W-3 SUNLED-XZMER68W-3 Datasheet
237Kb / 4P
   Long life and robust package
XZMOK56W SUNLED-XZMOK56W Datasheet
263Kb / 4P
   Long life and robust package
XZMYF151W SUNLED-XZMYF151W Datasheet
225Kb / 4P
   Long life and robust package
XZMOK81FS SUNLED-XZMOK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZCBD53W-6 SUNLED-XZCBD53W-6 Datasheet
261Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com