Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

749196538 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 749196538
Descripción Electrónicos  WE-FLEX HV Flexible Transformer for DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749196538 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749196538 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196538 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196538 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196538 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196538 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Packaging Specification - Tape and Reel: [mm]
P2
P0
D0
P1
D1
T
K0
T1
T2
Top Cover
Tape
Carrier Tape
Feeding direction
End
Start
A0
No Component
min.160mm
Components
No Component
min.100mm
Cover Tape
min. 400mm
Cover Tape
A
A
packaging is reffered to the international standard IEC 60286-3:2013
A0
B0
W
T
T1 T2
K0
P0
P1
P2
D0
D0 / 2
D1 d
E
S
F
Tape Type 2a
VPE / packaging unit
tolerance
typ.
typ.
±0,3 typ. typ. typ.
typ.
±0­
,1
±0,1 ±0,15 +0,1/ -0,0 +0,05/ -0,0
typ. +0,05
±0­
,1
±0,1 ±0,1
pcs.
size
EFD20 21.80 29.50 44.00
0.­
50
0.­
05
12.60 12.10 4.00 32.00 2.00
1.50
0.75
2.­
00
0.20
1.75 40.40 20.20 Polystyrene
120
Pull-of force
Tape width
44 mm
0,1 N - 1,3 N
165° -180°
B
C
W1
close to center
W3
W2
A
B
C
D
N
W1
W2
W3
W3
tolerance
± 2,0
min.
min.
min.
min.
+ 2
max.
min.
max.
Tape width
44 mm
330.00
1.50
12.80
20.20
80.00
44.40
50.40
43.90
47.40
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
TBr
DIN ISO 2768-1m
DESCRIPTION
WE-FLEX HV Flexible Transformer
for DC/DC Converter
ORDER CODE
749196538
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
EFD20
001.000
Valid
2017-01-05
eiSos
2/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 749196538

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
749196530 WURTH-749196530 Datasheet
159Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
749196531 WURTH-749196531 Datasheet
159Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
749196537 WURTH-749196537 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter ORDER CODE
More results

Descripción similar - 749196538

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
749196507 WURTH-749196507 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196138 WURTH-749196138 Datasheet
441Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196248 WURTH-749196248 Datasheet
473Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196547 WURTH-749196547 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196548 WURTH-749196548 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196128 WURTH-749196128 Datasheet
441Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196208 WURTH-749196208 Datasheet
473Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196228 WURTH-749196228 Datasheet
473Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196328 WURTH-749196328 Datasheet
476Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196338 WURTH-749196338 Datasheet
476Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com