Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HT7L5610 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

No. de Pieza. HT7L5610
Descripción  Primary Side Regulation Off Line LED Driver with Active PFC
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo 

HT7L5610 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 1.00
2
September 08, 2015
HT7L5610
Block Diagram
SOURCE
DRAIN
EA
Driver
Logic
Control
0.3V
PWM
Generator
LEB
OCP
ZCD OVP
OTP
UVLO
VCC
Reference
& Bias
Min
Off Time
VCC OVP
ZCD
Comparator
OCP
OTP
Starter
OTP
OCP
ZCD
COMP
GND
S&H
CS
Pin Assignment
DRAIN
DRAIN
VCC
ZCD
SOURCE
CS
GND
COMP
HT7L5610
8 DIP-A
1
2
3
4
8
7
6
5
Pin Description
Pin No.
Symbol
Description
1
SOURCE
Internal high voltage power MOSFET source terminal
2
CS
Current sense pin. A resistor is connected to sense the MOSFET current.
3
GND
Ground pin
4
COMP
Loop compensation pin. A capacitor is placed between COMP and GND.
5
ZCD
Connected to a resistor divider from an auxiliary winding to sense the output voltage.
6
VCC
Power supply pin
7,8
DRAIN
Internal high voltage power MOSFET drain terminal


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn