Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC66F850 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

No. de pieza BC66F850
Descripción Electrónicos  2.4GHz Flash RF TX/RX MCU
Download  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC66F850 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button BC66F850 Datasheet HTML 6Page - Holtek Semiconductor Inc BC66F850 Datasheet HTML 7Page - Holtek Semiconductor Inc BC66F850 Datasheet HTML 8Page - Holtek Semiconductor Inc BC66F850 Datasheet HTML 9Page - Holtek Semiconductor Inc BC66F850 Datasheet HTML 10Page - Holtek Semiconductor Inc BC66F850 Datasheet HTML 11Page - Holtek Semiconductor Inc BC66F850 Datasheet HTML 12Page - Holtek Semiconductor Inc BC66F850 Datasheet HTML 13Page - Holtek Semiconductor Inc BC66F850 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 242 page
background image
Rev. 1.40
10
�a� �4� �01�
Rev. 1.40
11
�a� �4� �01�
BC66F840/BC66F850/BC66F860
2.4GHz Flash RF TX/RX MCU
Pin Assignment
BC6 6F 84 0
32 Q FN -A
1
2
3
4
5
6
7
8
91 01 11 21 31 41 51 6
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
VD DI O/ PB 5/ TP 3A
PC 6/ TP 3B
PC 5/ TC K0 /T P2
PC 4/ TC K2 /T CK 3/ TP 0
PC 3/ SC K/ SC L
PC 2/ SD I/ SD A
PC 1/ SD O
PC 0/ SC S
VD D
PB 0/ XT 1
PB 1/ XT 2
VS S
PB 2/ RE S
OS C1
OS C2
PB 3/ IN T0
BC 66 V8 40
32 Q FN -A
1
2
3
4
5
6
7
8
91 01 11 21 31 41 51 6
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
VD DI O/ PB 5/ TP 3A
PC 6/ TP 3B
PC 5/ TC K0 /T P2
PC 4/ TC K2 /T CK 3/ TP 0
PC 3/ SC K/ SC L
PC 2/ SD I/ SD A
PC 1/ SD O
PC 0/ SC S
VD D
PB 0/ XT 1
PB 1/ XT 2
VS S
PB 2/ RE S/ O CDS CK /I CP CK
OS C1
OS C2
PB 3/ IN T0


Número de pieza similar - BC66F850

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
BC66F2430 HOLTEK-BC66F2430 Datasheet
6Mb / 136P
   315/433MHz RF Super-Regenerative Receiver SoC A/D Flash MCU
More results

Descripción similar - BC66F850

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
BC68FB540 HOLTEK-BC68FB540 Datasheet
7Mb / 200P
   I/O Flash USB 8-Bit MCU with 2.4GHz RF Transceiver
logo
Maxim Integrated Produc...
MAX2830 MAXIM-MAX2830_11 Datasheet
777Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 2; 3/11
MAX2830 MAXIM-MAX2830 Datasheet
747Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 1; 7/09
logo
Holtek Semiconductor In...
BC68F2130 HOLTEK-BC68F2130 Datasheet
8Mb / 148P
   Sub-1GHz RF Transmitter Flash MCU
logo
Maxim Integrated Produc...
MAX2822 MAXIM-MAX2822 Datasheet
542Kb / 28P
   2.4GHz 802.11b Zero-IF Transceiver with Integrated PA and Tx/Rx Switch
Rev 0; 7/03
logo
Holtek Semiconductor In...
BC68F2123 HOLTEK-BC68F2123 Datasheet
6Mb / 117P
   Sub-1GHz OOK/FSK TX Soc 1K Flash MCU
BC68F0031 HOLTEK-BC68F0031 Datasheet
6Mb / 148P
   I/O RF Transparent Transmission Flash MCU
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
   8-Bit Flash MCU with RF Transmitter
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
   CT2-RX/TX IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com