Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS83102G0B Datasheet(PDF) 5 Page - ATMEL Corporation

No. de pieza TS83102G0B
Descripción Electrónicos  10-bit 2 Gsps ADC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS83102G0B Datasheet(HTML) 5 Page - ATMEL Corporation

  TS83102G0B Datasheet HTML 1Page - ATMEL Corporation TS83102G0B Datasheet HTML 2Page - ATMEL Corporation TS83102G0B Datasheet HTML 3Page - ATMEL Corporation TS83102G0B Datasheet HTML 4Page - ATMEL Corporation TS83102G0B Datasheet HTML 5Page - ATMEL Corporation TS83102G0B Datasheet HTML 6Page - ATMEL Corporation TS83102G0B Datasheet HTML 7Page - ATMEL Corporation TS83102G0B Datasheet HTML 8Page - ATMEL Corporation TS83102G0B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
5
TS83102G0B
2101D–BDC–06/04
Analog input power level (50
Ω single-ended)
4
PIN
- 2
dBm
Analog input capacitance (die)
4
C
IN
0.3
pF
Input leakage current
4
IIN
10
µA
Input resistance
- single-ended
- differential
4
4
RIN
R
IN
49
98
50
100
51
102
Clock Inputs
Logic common mode compatibility for clock inputs
Differential ECL to LVDS
Clock inputs common voltage range (V
CLK or VCLKB)
(DC coupled clock input)
AC coupled for LVDS compatibility (common mode
1.2V)
4V
CM
-1.2
0
0.3
V
Clock input power level (low-phase noise sinewave
input)
50
Ω single-ended or 100 Ω differential
4PCLK
-4
0
4
dBm
Clock input swing (single ended; with CLKB = 50
to GND)
4V
CLK
±200
±320
±500
mV
Clock input swing (differential voltage) - on each
clock input
4
V
CLK
VCLKB
±141
±226
±354
mV
Clock input capacitance (die)
4
C
CLK
0.3
pF
Clock input resistance
- single-ended
- differential ended
R
CLK
RCLK
45
90
50
100
55
110
Digital Inputs (SDAEN, PGEB, DECB/Diode, B/GB, DRRB)
- logic low
- logic high
4
V
IL
V
IH
-5
-2
-3
0
V
V
Digital Inputs (DRRB Only)
Logic Compatibility
Negative ECL
- logic low
- logic high
4
VIL
V
IH
-1.810
-1.165
-1.625
-0.880
V
V
Electrical Operating Characteristics (Continued)
V
CC = 5V ; VPLUSD = 0V (unless otherwise specified). ADC performances are independent of VPLUSD common mode
voltage and performances are guaranteed within the limits of the specified V
PLUSD range (from -0.9V to 1.7V);
V
EE = DVEE = -5V; VIN - VINB = 500 mVpp (full-scale single-ended or differential input);
clock inputs differential driven; analog-input single-ended driven.
Parameter
Test
Level
Symbol
Min
Typ
Max
Unit


Número de pieza similar - TS83102G0B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831 STMICROELECTRONICS-TS831 Datasheet
263Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3I STMICROELECTRONICS-TS831-3I Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3ID STMICROELECTRONICS-TS831-3ID Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3IDT STMICROELECTRONICS-TS831-3IDT Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
More results

Descripción similar - TS83102G0B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000 Datasheet
2Mb / 62P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS ADC
logo
ATMEL Corporation
TS8388B ATMEL-TS8388B Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
Texas Instruments
ADC10D1000 TI1-ADC10D1000 Datasheet
1Mb / 82P
[Old version datasheet]   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000_10 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000_09 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com