Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RX113 Datasheet(PDF) 36 Page - Renesas Technology Corp

No. de pieza RX113
Descripción Electrónicos  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button RX113_16 Datasheet HTML 32Page - Renesas Technology Corp RX113_16 Datasheet HTML 33Page - Renesas Technology Corp RX113_16 Datasheet HTML 34Page - Renesas Technology Corp RX113_16 Datasheet HTML 35Page - Renesas Technology Corp RX113_16 Datasheet HTML 36Page - Renesas Technology Corp RX113_16 Datasheet HTML 37Page - Renesas Technology Corp RX113_16 Datasheet HTML 38Page - Renesas Technology Corp RX113_16 Datasheet HTML 39Page - Renesas Technology Corp RX113_16 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 36 of 131
Mar 31, 2016
RX113 Group
4. I/O Registers
0008 737Bh
ICU
Interrupt Source Priority Register 123
IPR123
8
8
2 ICLK
0008 737Dh
ICU
Interrupt Source Priority Register 125
IPR125
8
8
2 ICLK
0008 737Fh
ICU
Interrupt Source Priority Register 127
IPR127
8
8
2 ICLK
0008 7381h
ICU
Interrupt Source Priority Register 129
IPR129
8
8
2 ICLK
0008 7385h
ICU
Interrupt Source Priority Register 133
IPR133
8
8
2 ICLK
0008 7386h
ICU
Interrupt Source Priority Register 134
IPR134
8
8
2 ICLK
0008 738Ah
ICU
Interrupt Source Priority Register 138
IPR138
8
8
2 ICLK
0008 738Bh
ICU
Interrupt Source Priority Register 139
IPR139
8
8
2 ICLK
0008 73AAh
ICU
Interrupt Source Priority Register 170
IPR170
8
8
2 ICLK
0008 73ABh
ICU
Interrupt Source Priority Register 171
IPR171
8
8
2 ICLK
0008 73AEh
ICU
Interrupt Source Priority Register 174
IPR174
8
8
2 ICLK
0008 73B1h
ICU
Interrupt Source Priority Register 177
IPR177
8
8
2 ICLK
0008 73B4h
ICU
Interrupt Source Priority Register 180
IPR180
8
8
2 ICLK
0008 73B7h
ICU
Interrupt Source Priority Register 183
IPR183
8
8
2 ICLK
0008 73BAh
ICU
Interrupt Source Priority Register 186
IPR186
8
8
2 ICLK
0008 73D6h
ICU
Interrupt Source Priority Register 214
IPR214
8
8
2 ICLK
0008 73DAh
ICU
Interrupt Source Priority Register 218
IPR218
8
8
2 ICLK
0008 73DEh
ICU
Interrupt Source Priority Register 222
IPR222
8
8
2 ICLK
0008 73E2h
ICU
Interrupt Source Priority Register 226
IPR226
8
8
2 ICLK
0008 73E6h
ICU
Interrupt Source Priority Register 230
IPR230
8
8
2 ICLK
0008 73EAh
ICU
Interrupt Source Priority Register 234
IPR234
8
8
2 ICLK
0008 73EEh
ICU
Interrupt Source Priority Register 238
IPR238
8
8
2 ICLK
0008 73F2h
ICU
Interrupt Source Priority Register 242
IPR242
8
8
2 ICLK
0008 73F3h
ICU
Interrupt Source Priority Register 243
IPR243
8
8
2 ICLK
0008 73F4h
ICU
Interrupt Source Priority Register 244
IPR244
8
8
2 ICLK
0008 73F5h
ICU
Interrupt Source Priority Register 245
IPR245
8
8
2 ICLK
0008 73F6h
ICU
Interrupt Source Priority Register 246
IPR246
8
8
2 ICLK
0008 73F7h
ICU
Interrupt Source Priority Register 247
IPR247
8
8
2 ICLK
0008 73F8h
ICU
Interrupt Source Priority Register 248
IPR248
8
8
2 ICLK
0008 73F9h
ICU
Interrupt Source Priority Register 249
IPR249
8
8
2 ICLK
0008 7500h
ICU
IRQ Control Register 0
IRQCR0
8
8
2 ICLK
0008 7501h
ICU
IRQ Control Register 1
IRQCR1
8
8
2 ICLK
0008 7502h
ICU
IRQ Control Register 2
IRQCR2
8
8
2 ICLK
0008 7503h
ICU
IRQ Control Register 3
IRQCR3
8
8
2 ICLK
0008 7504h
ICU
IRQ Control Register 4
IRQCR4
8
8
2 ICLK
0008 7505h
ICU
IRQ Control Register 5
IRQCR5
8
8
2 ICLK
0008 7506h
ICU
IRQ Control Register 6
IRQCR6
8
8
2 ICLK
0008 7507h
ICU
IRQ Control Register 7
IRQCR7
8
8
2 ICLK
0008 7510h
ICU
IRQ Pin Digital Filter Enable Register 0
IRQFLTE0
8
8
2 ICLK
0008 7514h
ICU
IRQ Pin Digital Filter Setting Register 0
IRQFLTC0
16
16
2 ICLK
0008 7580h
ICU
Non-Maskable Interrupt Status Register
NMISR
8
8
2 ICLK
0008 7581h
ICU
Non-Maskable Interrupt Enable Register
NMIER
8
8
2 ICLK
0008 7582h
ICU
Non-Maskable Interrupt Status Clear Register
NMICLR
8
8
2 ICLK
0008 7583h
ICU
NMI Pin Interrupt Control Register
NMICR
8
8
2 ICLK
0008 7590h
ICU
NMI Pin Digital Filter Enable Register
NMIFLTE
8
8
2 ICLK
0008 7594h
ICU
NMI Pin Digital Filter Setting Register
NMIFLTC
8
8
2 ICLK
0008 8000h
CMT
Compare Match Timer Start Register 0
CMSTR0
16
16
2 or 3 PCLKB
0008 8002h
CMT0
Compare Match Timer Control Register
CMCR
16
16
2 or 3 PCLKB
0008 8004h
CMT0
Compare Match Timer Counter
CMCNT
16
16
2 or 3 PCLKB
0008 8006h
CMT0
Compare Match Timer Constant Register
CMCOR
16
16
2 or 3 PCLKB
0008 8008h
CMT1
Compare Match Timer Control Register
CMCR
16
16
2 or 3 PCLKB
0008 800Ah
CMT1
Compare Match Timer Counter
CMCNT
16
16
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (7/23)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States


Número de pieza similar - RX113_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
More results

Descripción similar - RX113_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com