Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4387 Datasheet(PDF) 1 Page - Advanced Semiconductor

No. de pieza 1N4387
Descripción Electrónicos  SILICON MULTIPLIER VARACTOR DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASI [Advanced Semiconductor]
Página de inicio  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

1N4387 Datasheet(HTML) 1 Page - Advanced Semiconductor

  1N4387 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VBR
IR = 10
µA
150
V
CT
VR = 6.0 V
f = 1.0 MHz
35
pF
Q
VR = 6.0 V
f = 50 MHz
200
---
fin
150
MHz
POUT(x3)
PIN = 30 W
FIN = 150 MHz
15
30
W
SILICON MULTIPLIER VARACTOR DIODE
1N4387
DESCRIPTION:
The
1N4387 is a High Power Silicon
Multiplier Varactor Diode.
MAXIMUM RATINGS
IO
200 mA
VR
150 V
PDISS
20 W @ TC = 25
OC
TJ
-65
OC to +150 OC
TSTG
-65
OC to +175 OC
θθθθ
JC
5.0
OC/W
PACKAGE STYLE DO- 4
1 = Anode
2 = Cathode


Número de pieza similar - 1N4387

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N4387 NJSEMI-1N4387 Datasheet
167Kb / 1P
   DIODE
More results

Descripción similar - 1N4387

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Semiconductor
1N4386 ASI-1N4386 Datasheet
28Kb / 1P
   SILICON MULTIPLIER VARACTOR DIODE
1N4388 ASI-1N4388 Datasheet
23Kb / 1P
   SILICON MULTIPLIER VARACTOR DIODE
logo
M/A-COM Technology Solu...
MA46H146 MA-COM-MA46H146 Datasheet
78Kb / 3P
   GaAs Flip-Chip Multiplier Varactor Diode
logo
Tyco Electronics
MA46H146 MACOM-MA46H146 Datasheet
113Kb / 3P
   GaAs Flip-Chip Multiplier Varactor Diode
logo
M/A-COM Technology Solu...
MA46H146 MA-COM-MA46H146_15 Datasheet
515Kb / 4P
   GaAs Flip-Chip Multiplier Varactor Diode
MA46H146 MA-COM-MA46H146 Datasheet
78Kb / 3P
   GaAs Flip-Chip Multiplier Varactor Diode
logo
Advanced Semiconductor
MVAM115 ASI-MVAM115 Datasheet
23Kb / 1P
   SILICON VARACTOR DIODE
AT9001 ASI-AT9001 Datasheet
22Kb / 1P
   SILICON VARACTOR DIODE
AHV8801-15 ASI-AHV8801-15 Datasheet
28Kb / 1P
   SILICON VARACTOR DIODE
MV1807J1 ASI-MV1807J1 Datasheet
27Kb / 1P
   SILICON VARACTOR DIODE
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com