Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD48576209F1 Datasheet(PDF) 10 Page - Renesas Technology Corp

No. de pieza UPD48576209F1
Descripción Electrónicos  576M-BIT Low Latency DRAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48576209F1 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD48576209F1 Datasheet HTML 6Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 7Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 8Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 9Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 10Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 11Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 12Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 13Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
µµµµPD48576209F1, µµµµPD48576218F1, µµµµPD48576236F1
R10DS0256EJ0101 Rev. 1.01
Page 10 of 53
Jan. 15, 2016
1.
Electrical Characteristics
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage
VEXT
–0.3 to +2.8
V
Supply voltage
VDD
–0.3 to +2.1
V
Output supply voltage,
VDDQ
–0.3 to +2.1
V
Input voltage, Input / Output voltage
Input / Output voltage
VIH / VIL
–0.3 to +2.1
V
Junction temperature
Tj MAX.
110
°C
Storage temperature
Tstg
–55 to +125
°C
Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could cause permanent
damage. The device is not meant to be operated under conditions outside the limits described in the
operational section of this specification. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
Recommended DC Operating Conditions
0°C
≤ TC ≤ 95°C; 1.7 V ≤ VDD ≤ 1.9 V, unless otherwise noted.
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Note
Supply voltage
VEXT
2.38
2.5
2.63
V
1
Supply voltage
VDD
1.7
1.8
1.9
V
1
Output supply voltage
VDDQ
1.4
VDD
V
1, 2, 3
Reference Voltage
VREF
0.49 x VDDQ
0.5 x VDDQ
0.51 x VDDQ
V
1, 4, 5
Termination voltage
VTT
0.95 x VREF
VREF
1.05 x VREF
V
1, 6
Input HIGH voltage
VIH (DC)
VREF + 0.1
V
1
Input LOW voltage
VIL (DC)
VREF – 0.1
V
1
Notes 1. All voltage referenced to VSS (GND).
2. During normal operation, VDDQ must not exceed VDD.
3. VDDQ can be set to a nominal 1.5 V
± 0.1 V or 1.8 V ± 0.1 V supply.
4. Typically the value of VREF is expect to be 0.5 x VDDQ of the transmitting device. VREF is expected to track
variations in VDDQ.
5. Peak-to-peak AC noise on VREF must not exceed
± 2% VREF(DC).
6. VTT is expected to be set equal to VREF and must track variations in the DC level of VREF.


Número de pieza similar - UPD48576209F1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
UPD48576209FF-E18-DW1 RENESAS-UPD48576209FF-E18-DW1 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576209FF-E18-DW1-A RENESAS-UPD48576209FF-E18-DW1-A Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576209FF-E24-DW1 RENESAS-UPD48576209FF-E24-DW1 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576209FF-E24-DW1-A RENESAS-UPD48576209FF-E24-DW1-A Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576209FF-E25-DW1 RENESAS-UPD48576209FF-E25-DW1 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
More results

Descripción similar - UPD48576209F1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
logo
GSI Technology
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
logo
Micron Technology
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
Renesas Technology Corp
RMHE41A184AGBG RENESAS-RMHE41A184AGBG Datasheet
644Kb / 52P
   1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com