Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0-1377175-1 Datasheet(Hoja de datos) 10 Page - TE Connectivity Ltd

No. de Pieza. 0-1377175-1
Descripción  Pre-Insulated Diamond Grip
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo 

 10 page
background image
Short Spring Spade Tongue Terminals
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-10
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body:
Phosphor Bronze per ASTM B-139
Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
L
X
W
C
E
4
.203
.219
.550
.695
.140
.082
52922
52922-1
26–22
.020
5.16
5.56
13.97 17.65
3.56
2.08
(0.10–0.41)
0.51
8
.375
.281
.612
.787
.170
.082
52925
52925-1
M4
9.53
7.14
15.54 19.99
4.32
2.08
4
.203
.250
.654
.799
.140
.125
52927
52927-1
5.16
6.35
16.61 20.29
3.56
3.18
5
.250
.250
.654
.799
.140
.125
52928
52928-1
M3
6.35
6.35
16.61 20.29
3.56
3.18
6
.250
.250
.654
.799
.140
.125
52929
M3.5
6.35
6.35
16.61 20.29
3.56
3.18
22–16
.033
.244
.281
.725
.895
.170
.140
55768-1
(0.26–1.65)
0.84
6.20
7.14
18.42 22.73
4.32
3.56
8
.375
.281
.685
.860
.170
.125
52930
52930-1
M4
9.53
7.14
17.40 21.84
4.32
3.18
.375
.281
.685
.860
.170
.140
52930-3
9.53
7.14
17.40 21.84
4.32
3.56
10
.406
.281
.685
.908
.218
.125
52931
10.31
7.14
17.40 23.06
5.54
3.18
5
.250
.250
.654
.799
.140
.170
52934
52934-1
M3
6.35
6.35
16.61 20.29
3.56
4.32
.250
.250
.654
.799
.140
.170
52935
52935-1
6
6.35
6.35
16.61 20.29
3.56
4.32
M3.5
.250
.250
.654
.799
.140
.182
-52935-2
52935-3
6.35
6.35
16.61 20.29
3.56
4.62
.375
.281
.685
.860
.170
.170
52936-1
16–14
.033
8
9.53
7.14
17.40 21.84
4.32
4.32
(1.04–2.62)
0.84
M4
.375
.281
.685
.860
.170
.182
52936-3
9.53
7.14
17.40 21.84
4.32
4.62
.406
.281
.685
.908
.218
.170
52937
52937-1
10
10.31
7.14
17.40 23.06
5.54
4.32
.406
.281
.685
.908
.218
.182
-
52937-2
52937-3
10.31
7.14
17.40 23.06
5.54
4.62
1/4
.625
.343
.747
1.033
.281
.170
52939
M6
15.88
8.71
18.97 26.24
7.14
4.32
8
.375
.276
.877
1.052
.170
.250
52942
12–10
.042
M4
9.53
7.01
22.28 26.72
4.32
6.35
(2.62–6.64)
1.07
1/4
.625
.338
.939
1.225
.281
.250
52945
M6
15.88
8.59
23.85 31.12
7.14
6.35
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Wire Size
AWG
(mm2)
Terminal
Insu-
lation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
X
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl