Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0-1377175-9 Datasheet(Hoja de datos) 6 Page - TE Connectivity Ltd

No. de Pieza. 0-1377175-9
Descripción  Pre-Insulated Diamond Grip
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo 

 6 page
background image
Ring Tongue Terminals – Vinyl
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-6
Ring Tongue Terminals – Insulation Restricting
, 16–14HD,
.050
.343
.281
.961
1.135
.300
35363
(1.04–2.62)
1.27
10
8.71
7.14
24.41 28.83
7.62
6
.375
.302
.982
1.172
.300
35604
M3.5
9.53
7.67
24.94 29.77
7.62
8
.375
.302
.982
1.172
.300
35605
2-35605-2
M4
9.53
7.67
24.94 29.77
7.62
.375
.302
.982
1.172
.300
35364
10
9.53
7.67
24.94 29.77
7.62
12–10
.042
.500
.344
1.024 1.277
.300
323763
(2.62–6.64)
1.07
1/4
12.70
8.74
26.01 32.44
7.62
M6
.531
.468
1.148 1.416
.300
35345
2-35345-1
13.49 11.89 29.16 35.97
7.62
5/16
.531
.468
1.148 1.416
.300
35346
2-35346-1
M8
13.49 11.89 29.16 35.97
7.62
3/8
.593
.531
1.211 1.510
.300
35478
1-35478-0
15.06 13.49 30.76 38.35
7.62
, Heavy duty for extra mechanical strength.
Note: “C” dimension applies from edge of metal wire barrel to centre of stud hole.
24
.020
4
.203
.211
.587
.691
.031–.055
2-323914-2
(0.24)
0.51
5.16
5.36
14.91 17.55
0.79–1.40
4
.218
.156
.622
.734
.038–.110
52273-2
5.54
3.96
15.80 18.64
0.97–2.79
.218
.156
.622
.734
.038–.110
2-36149-3
6
5.54
3.96
15.80 18.64
0.97–2.79
22
.033
M3.5
.250
.250
.716
.844
.038–.110
- 51863-2
(0.38)
0.84
6.35
6.35
18.19 21.44
0.97–2.79
8
.312
.281
.747
.906
.038–.110
1-320551-2
M4
7.92
7.14
18.97 23.01
0.97–2.79
.031
10
.312
.281
.747
.906
.038–.110
2-36153-3
0.79
7.92
7.14
18.97 23.01
0.97–2.79
Note: “C” dimension applies from edge of metal wire barrel to centre of stud hole.
L
E
C
W
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Solid/Stripe
Wire
Insulation
Diameter
Range
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
L
E
C
W
Material and Finish
Insulation:
Vinyl acc. UL 94 V-0
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
Metallic Sleeve:
Copper per ASTM B-152
Plating:
Nickel per QQ-N-290 or
Tin per ASTM B-545




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl