Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0-1377175-8 Datasheet(PDF) 7 Page - TE Connectivity Ltd

No. de pieza 0-1377175-8
Descripción Electrónicos  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

0-1377175-8 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 0-1377175-8 Datasheet HTML 3Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 4Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 5Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 6Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 7Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 8Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 9Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 10Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Ring Tongue Terminals – Insulation Restricting (continued)
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-7
4
.218
.156
.622
.734
.046-.110
52273-1
5.54
3.96
15.80 18.64
1.17-2.79
.218
.156
.622
.734
.046-.110
2-36149-4
6
5.54
3.96
15.80 18.64
1.17-2.79
M3.5
.250
.250
.716
.844
.046-.110
51863-3
6.35
6.35
18.19 21.44
1.17-2.79
20
.033
8
.312
.281
.747
.906
.046-.110
1-320551-3
(0.60)
0.84
M4
7.92
7.14
18.97 23.01
1.17-2.79
10
.312
.281
.747
.906
.046-.110
2-36153-4
7.92
7.14
18.97 23.01
1.17-2.79
1/4
.469
.437
.903
1.140
.046-.110
2-320571-4
M6
11.91 11.10 22.94 28.96
1.17-2.79
5/16
.469
.437
.903
1.140
.046-.110
2-320572-3
M8
11.91 11.10 22.94 28.96
1.17-2.79
4
.218
.156
.622
.734
.056-.110
52273-2
5.54
3.96
15.80 18.64
1.42-2.79
.218
.156
.622
.734
.056-.110
2-36149-5
18
.033
6
5.54
3.96
15.80 18.64
1.42-2.79
(0.96)
0.84
M3.5
.250
.250
.716
.844
.056-.110
51863-4
6.35
6.35
18.19 21.44
1.42-2.79
10
.312
.281
.747
.906
.056-.110
2-36153-5
7.92
7.14
18.97 23.01
1.42-2.79
4
.250
.171
.637
.765
.063-.130
52274-0
6.35
4.34
16.18 19.43
1.60-3.30
6
.250
.171
.637
.765
.063-.130
2-320561-3
M3.5
6.35
4.34
16.18 19.43
1.60-3.30
8
.312
.281
.747
.906
.063-.130
1-51864-0
16
.033
M4
7.92
7.14
18.97 23.01
1.60-3.30
(1.42)
0.84
10
.312
.281
.747
.906
.063-.130
51864-7
7.92
7.14
18.97 23.01
1.60-3.30
1/4
.469
.437
.903
1.140
.063-.130
2-320563-3
M6
11.91 11.10 22.94 28.96
1.60-3.30
3/8
.531
.546
1.012 1.280
.063-.130
2-320564-1
13.49 13.87 25.70 32.51
1.60-3.30
.250
.171
.637
.765
.078-.130
2-320561-4
6
6.35
4.34
16.18 19.43
1.98-3.30
M3.5
.312
.281
.747
.906
.078-.130
51864-8
14
.033
7.92
7.14
18.97 23.01
1.98-3.30
(2.15)
0.84
8
.312
.281
.747
.906
.078-.130
1-51864-1
M4
7.92
7.14
18.97 23.01
1.98-3.30
10
.312
.281
.747
.906
.078-.130
51864-9
7.92
7.14
18.97 23.01
1.98-3.30
6
.375
.302
.958
1.148
.095-.200
2-36161-5
M3.5
9.53
7.67
24.33 29.16
2.41-5.08
8
.375
.302
.958
1.148
.095-.200
2-320568-2
12
.042
M4
9.53
7.67
24.33 29.16
2.41-5.08
(3.37)
1.07
10
.375
.302
.958
1.148
.095-.200
2-36161-3
9.53
7.67
24.33 29.16
2.41-5.08
1/4
.531
.468
1.124 1.392
.095-.200
2-320569-5
M6
13.49 11.89 28.55 35.36
2.41-5.08
6
.375
.302
.958
1.148
.119-.200
2-36161-6
M3.5
9.53
7.67
24.33 29.16
3.02-5.08
8
.375
.302
.958
1.148
.119-.200
2-320568-3
M4
9.53
7.67
24.33 29.16
3.02-5.08
10
.042
10
.375
.302
.958
1.148
.119-.200
2-36161-4
(6.11)
1.07
9.53
7.67
24.33 29.16
3.02-5.08
1/4
.531
.468
1.124 1.392
.119-.200
2-320569-6
M6
13.49 11.89 28.55 35.36
3.02-5.08
5/16
.531
.468
1.124 1.392
.119-.200
2-320576-3
M8
13.49 11.89 28.55 35.36
3.02-5.08
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
Metallic Sleeve:
Copper per ASTM B-152
Plating:
Nickel per QQ-N-290 or
Tin per ASTM B-545
L
E
C
W
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Solid/Stripe
Wire
Insulation
Diameter
Range
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted


Número de pieza similar - 0-1377175-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jauch Quartz Gmbh
0-13.0-JT21CT-A-K-1.8 JAUCH-0-13.0-JT21CT-A-K-1.8 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-2.5 JAUCH-0-13.0-JT21CT-A-K-2.5 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-3.0 JAUCH-0-13.0-JT21CT-A-K-3.0 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-3.3 JAUCH-0-13.0-JT21CT-A-K-3.3 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-P-1.8 JAUCH-0-13.0-JT21CT-A-P-1.8 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
More results

Descripción similar - 0-1377175-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com