Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCN10785 Datasheet(PDF) 1 Page - Cree, Inc

No. de pieza FCN10785
Descripción Electrónicos  Leila series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

FCN10785 Datasheet(HTML) 1 Page - Cree, Inc

  FCN10785 Datasheet HTML 1Page - Cree, Inc FCN10785 Datasheet HTML 2Page - Cree, Inc FCN10785 Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT DATASHEET
Leila series
last update 14/2/2014
DETAILS
Product Number
FCN10785_LE1-REC
Family
Leila
Type
Pack
Color
white
Diameter
21,6 mm
Height
15,1 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
glue
Status
production ready
ROHS Comliant
Yes
Date Updated
14/02/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
LZ1 (00xW00)
38+24 deg
REC-class
-
-
-
July 10th 2017 10:23 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Número de pieza similar - FCN10785

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
FCN10783 CREE-FCN10783 Datasheet
67Kb / 2P
   Leila series
logo
Ledil, Inc.
FCN10783 LEDIL-FCN10783 Datasheet
1Mb / 4P
   ~25째 medium beam optimized for LedEngin LZ1(00XW00)
logo
Cree, Inc
FCN10784 CREE-FCN10784 Datasheet
256Kb / 3P
   Leila series
logo
Ledil, Inc.
FCN10784 LEDIL-FCN10784 Datasheet
1Mb / 4P
   ~9.6째 spot beam optimized for LedEngin LZ1(00XW00)
logo
Cree, Inc
FCN10786 CREE-FCN10786 Datasheet
250Kb / 3P
   Leila series
More results

Descripción similar - FCN10785

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
FCN11456 CREE-FCN11456 Datasheet
67Kb / 2P
   Leila series
CA11483 CREE-CA11483 Datasheet
1Mb / 23P
   Leila series
FCN10786 CREE-FCN10786 Datasheet
250Kb / 3P
   Leila series
FA10661 CREE-FA10661 Datasheet
423Kb / 9P
   Leila series
FA10660 CREE-FA10660 Datasheet
816Kb / 13P
   Leila series
C13353 CREE-C13353 Datasheet
2Mb / 42P
   Leila series
CA12844 CREE-CA12844 Datasheet
245Kb / 5P
   Leila series
CP12583 CREE-CP12583 Datasheet
229Kb / 4P
   Leila series
CA12665 CREE-CA12665 Datasheet
232Kb / 5P
   Leila series
FA10663 CREE-FA10663 Datasheet
540Kb / 9P
   Leila series
FA10695 CREE-FA10695 Datasheet
270Kb / 3P
   Leila series
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com