Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M4TKLE6AE Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza M4TKLE6AE
Descripción Electrónicos  32-bit Microcontroller
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

M4TKLE6AE Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button M4TKLE6AE Datasheet HTML 6Page - List of Unclassifed Manufacturers M4TKLE6AE Datasheet HTML 7Page - List of Unclassifed Manufacturers M4TKLE6AE Datasheet HTML 8Page - List of Unclassifed Manufacturers M4TKLE6AE Datasheet HTML 9Page - List of Unclassifed Manufacturers M4TKLE6AE Datasheet HTML 10Page - List of Unclassifed Manufacturers M4TKLE6AE Datasheet HTML 11Page - List of Unclassifed Manufacturers M4TKLE6AE Datasheet HTML 12Page - List of Unclassifed Manufacturers M4TKLE6AE Datasheet HTML 13Page - List of Unclassifed Manufacturers M4TKLE6AE Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 144 page
background image
M4TK
Jan. 06, 2016
Page 10 of 144
Rev.1.00
2
FEATURES
NuMicro
® M4TK Features
2.1
Core
ARM
® Cortex® -M4F core running up to 72 MHz
Supports DSP extension with hardware divider
Supports IEEE 754 compliant Floating-point Unit (FPU)
Supports Memory Protection Unit (MPU)
One 24-bit system timer
Supports Low Power Sleep mode by WFI and WFE instructions
Single-cycle 32-bit hardware multiplier
Supports programmable 16 level priorities of Nested Vectored Interrupt Controller
(NVIC)
Supports programmable mask-able interrupts
Built-in LDO for wide operating voltage ranged from 2.5V to 5.5V
Flash Memory
Supports 128/256 KB application ROM (APROM)
Supports 4 KB Flash for loader (LDROM)
Supports Data Flash with configurable memory size
Supports In-System-Programming (ISP), In-Application-Programming (IAP) update
embedded flash memory
Supports 2 KB page erase for all embedded flash
Boot Loader
16 KB embedded ROM
Supports Nuvoton native In-System-Programming (ISP) for UART0, SPI0, I
2C0, CAN*1
and USB
*2
Supports direct boot from Boot Loader by pin selection
SRAM Memory
32/16 KB embedded SRAM
16/8 KB with hardware parity check
Supports byte-, half-word- and word-access
Supports exception (NMI) generated once a parity check error occurs
Supports PDMA mode
PDMA (Peripheral DMA)
Supports 12/8 independent configurable channels for automatic data transfer between
memories and peripherals
Supports Normal and Scatter-Gather Transfer modes
Supports two types of priorities modes: Fixed-priority and Round-robin modes
Supports byte-, half-word- and word-access
Auto increment of the source and destination address
Supports single and burst transfer type
Clock Control
Built-in 22.1184 MHz internal high speed RC oscillator (HIRC) for system operation
(variation < 2% at -
40˚C ~ +105˚C)
Built-in 10 kHz internal low speed RC oscillator (LIRC) for Watchdog Timer and wake-
up operation
Built-in 4~20 MHz external high speed crystal oscillator (HXT) for precise timing
operation
Built-in 32.768 kHz external low speed crystal oscillator (LXT) for RTC function and
low-power system operation


Número de pieza similar - M4TKLE6AE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
M4TKLE6AE NUVOTON-M4TKLE6AE Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Descripción similar - M4TKLE6AE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com