Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7411DN-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI7411DN-T1-E3
Descripción Electrónicos  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7411DN-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7411DN-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7411DN-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7411DN-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7411DN-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7411DN-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET: 1.8-V Rated
D New PowerPAKr Package
− Low Thermal Resistance, RthJC
− Low 1.07-mm Profile
APPLICATIONS
D Load Switch
Si7411DN
Vishay Siliconix
Document Number: 72399
S-40763—Rev. C, 19-Apr-04
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.019 @ VGS = −4.5 V
−11.4
−20
0.025 @ VGS = −2.5 V
−9.9
0.034 @ VGS = −1.8 V
−8.5
P-Channel MOSFET
D
G
S
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK
r 1212-8
Bottom View
Ordering Information: Si7411DN-T1—E3
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
−20
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−11.4
−7.5
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
−8.2
−5.4
A
Pulsed Drain Current
IDM
−30
A
continuous Source Current (Diode Conduction)a
IS
−3
−1.3
Maximum Power Dissipationa
TA = 25_C
PD
3.6
1.5
W
Maximum Power Dissipationa
TA = 85_C
PD
1.9
0.8
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
28
35
Maximum Junction-to-Ambienta
Steady State
RthJA
65
81
_C/W
Maximum Junction-to-Case
Steady State
RthJC
2.9
3.8
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Número de pieza similar - SI7411DN-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7411DN VISHAY-SI7411DN Datasheet
198Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 12-Dec-05
More results

Descripción similar - SI7411DN-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com