Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM6123XD1E1368YZZ Datasheet(PDF) 8 Page - Vicor Corporation

No. de pieza BCM6123XD1E1368YZZ
Descripción Electrónicos  Isolated Fixed-Ratio DC-DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM6123XD1E1368YZZ Datasheet(HTML) 8 Page - Vicor Corporation

Back Button BCM6123XD1E1368YZZ Datasheet HTML 4Page - Vicor Corporation BCM6123XD1E1368YZZ Datasheet HTML 5Page - Vicor Corporation BCM6123XD1E1368YZZ Datasheet HTML 6Page - Vicor Corporation BCM6123XD1E1368YZZ Datasheet HTML 7Page - Vicor Corporation BCM6123XD1E1368YZZ Datasheet HTML 8Page - Vicor Corporation BCM6123XD1E1368YZZ Datasheet HTML 9Page - Vicor Corporation BCM6123XD1E1368YZZ Datasheet HTML 10Page - Vicor Corporation BCM6123XD1E1368YZZ Datasheet HTML 11Page - Vicor Corporation BCM6123XD1E1368YZZ Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
BCM® Bus Converter
Rev 1.1
vicorpower.com
Page 8 of 30
04/2017
800 927.9474
BCM6123xD1E1368yzz
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
boldface specifications apply over the temperature range of
-40°C
≤ TINTERNAL ≤ 125°C (T-Grade); all other specifications are at TINTERNAL = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Powertrain Supervisory Limits PRIMARY to SECONDARY (Forward Direction)
Primary Overvoltage
Lockout Threshold
VPRI_OVLO+
420
434.5
450
V
Primary Overvoltage
Recovery Threshold
VPRI_OVLO-
410
424
440
V
Primary Overvoltage
Lockout Hysteresis
VPRI_OVLO_HYST
10.5
V
Primary Overvoltage
Lockout Response Time
tPRI_OVLO
100
µs
Primary Undervoltage
Lockout Threshold
VPRI_UVLO-
195
221
250
V
Primary Undervoltage
Recovery Threshold
VPRI_UVLO+
225
243
255
V
Primary Undervoltage
Lockout Hysteresis
VPRI_UVLO_HYST
15
V
Primary Undervoltage
Lockout Response Time
tPRI_UVLO
100
µs
Primary Undervoltage Startup Delay
tPRI_UVLO+_DELAY
From VPRI_DC = VPRI_UVLO+ to powertrain active, EN
floating (i.e., one time startup delay from application
of VPRI_DC to VSEC_DC)
20
ms
Secondary Output Overcurrent
Trip Threshold
ISEC_OUT_OCP
75
85
110
A
Secondary Output Overcurrent
Response Time Constant
tSEC_OUT_OCP
Effective internal RC filter
3
ms
Overtemperature
Shutdown Threshold
tOTP+
Temperature sensor located inside controller IC
125
°C
Overtemperature
Recovery Threshold
tOTP–
105
110
115
°C
Undertemperature
Shutdown Threshold
tUTP
Temperature sensor located inside controller IC;
Protection not available for M-Grade units.
-45
°C
Undertemperature Restart Time
tUTP_RESTART
Startup into a persistent fault condition. Non-latching
fault detection given VPRI_DC > VPRI_UVLO+
3
s


Número de pieza similar - BCM6123XD1E1368YZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
More results

Descripción similar - BCM6123XD1E1368YZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com