Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M0519LD3AE Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

No. de pieza M0519LD3AE
Descripción Electrónicos  32-bit Microcontroller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

M0519LD3AE Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button M0519LD3AE Datasheet HTML 3Page - List of Unclassifed Manufacturers M0519LD3AE Datasheet HTML 4Page - List of Unclassifed Manufacturers M0519LD3AE Datasheet HTML 5Page - List of Unclassifed Manufacturers M0519LD3AE Datasheet HTML 6Page - List of Unclassifed Manufacturers M0519LD3AE Datasheet HTML 7Page - List of Unclassifed Manufacturers M0519LD3AE Datasheet HTML 8Page - List of Unclassifed Manufacturers M0519LD3AE Datasheet HTML 9Page - List of Unclassifed Manufacturers M0519LD3AE Datasheet HTML 10Page - List of Unclassifed Manufacturers M0519LD3AE Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
M0519
Nov. 02, 2016
Page 7 of 69
Rev 1.02
2
FEATURES
 Core
ARM
® Cortex® -M0 core running up to 72 MHz
One 24-bit system timer
Supports Low Power Sleep mode by WFI instructions
Single-cycle 32-bit hardware multiplier
Supports programmable 4 level priorities of Nested Vectored Interrupt Controller
(NVIC)
Supports Serial Wire Debug (SWD) support with two watchpoints and four breakpoints
 Built-in LDO for wide operating voltage ranged from 2.5V to 5.5V
 Memory
128K/64K bytes Flash for program memory (APROM)
4KB Flash for data memory (Data Flash)
8KB Flash for loader (LDROM)
Supports In-system program (ISP) and In-application program (IAP) application code
update
Supports 2-wired ICP update through SWD/ICE interface
Supports fast parallel programming mode by external programmer
16K bytes embedded SRAM
 Clock Control
Built-in 22.1184 MHz internal high speed RC oscillator (HIRC) for system operation
(variation < 2% at -40
˚C ~ +105˚C)
Built-in 10 kHz internal low speed RC oscillator (LIRC) for Watchdog Timer and wake-
up operation
Built-in 4~24 MHz external high speed crystal oscillator (HXT) for precise timing
operation
Supports one PLL up to 72 MHz for high performance system operation, sourced from
HIRC and HXT
Supports clock output
 Hardware divider
Supports
signed 32-bit dividend, 16-bit divisor operation
 GPIO port
Four I/O modes:
TTL/Schmitt trigger input selectable
Bit control available
I/O pin configured as interrupt source with edge/level trigger setting
Supports high driver and high sink current I/O (up to 16 mA at 5V)
INT0 and INT1 pins with individual interrupt vectors
Supports up to 82/51/38 GPIOs for LQFP100/64/48 respectively
 Timers
Supports 4 sets of 32-bit timers with 24-bit up-timer and one 8-bit prescale counter
Provides One-shot, Periodic, Toggle and Continuous Counting operation modes
Supports event counting function to count the event from external pin
 Watchdog Timer
Supports multiple clock sources from LIRC(default selection) and HCLK/2048
8 selectable time-out period from 1.6ms ~ 26.0sec (depending on clock source)
Able to wake up from Power-down or Idle mode
Interrupt or reset selectable on watchdog time-out
Time-out reset delay period time can be selected
 Window Watchdog Timer


Número de pieza similar - M0519LD3AE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
M0519LD3AE NUVOTON-M0519LD3AE Datasheet
1Mb / 69P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results

Descripción similar - M0519LD3AE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com