Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM27C256-90 Datasheet(PDF) 3 Page - Advanced Micro Devices

No. de pieza AM27C256-90
Descripción Electrónicos  256 Kilobit (32,768 x 8-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C256-90 Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM27C256-90 Datasheet HTML 1Page - Advanced Micro Devices AM27C256-90 Datasheet HTML 2Page - Advanced Micro Devices AM27C256-90 Datasheet HTML 3Page - Advanced Micro Devices AM27C256-90 Datasheet HTML 4Page - Advanced Micro Devices AM27C256-90 Datasheet HTML 5Page - Advanced Micro Devices AM27C256-90 Datasheet HTML 6Page - Advanced Micro Devices AM27C256-90 Datasheet HTML 7Page - Advanced Micro Devices AM27C256-90 Datasheet HTML 8Page - Advanced Micro Devices AM27C256-90 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AMD
2-34
Am27C256
CONNECTION DIAGRAM
TSOP*
08007H-4
*Contact local AMD sales office for package availability
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
32
17
31
30
29
28
27
26
25
24
23
22
21
20
19
18
OE (G)
A11
A9
A8
A13
NC
A14
VCC
VPP
NC
A12
A7
A6
A5
A4
A3
NC
A10
CE (E)
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
VSS
DQ1
DQ0
NC
A0
A1
A2
Standard Pinout
LOGIC SYMBOL
PIN DESIGNATIONS
A0–A14
CE (E)
OE (G)
8
DQ0–DQ7
A0–A14
=
Address Inputs
CE (E)
=
Chip Enable
DQ0–DQ7
=
Data Inputs/Outputs
OE (G)
=
Output Enable Input
VCC
=VCC Supply Voltage
VPP
=
Program Voltage Input
VSS
=
Ground
DU
=
Don’t Use
08007H-5
15


Número de pieza similar - AM27C256-90

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM27C256-90DC AMD-AM27C256-90DC Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-90DCB AMD-AM27C256-90DCB Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-90DE AMD-AM27C256-90DE Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-90DEB AMD-AM27C256-90DEB Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-90DI AMD-AM27C256-90DI Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
More results

Descripción similar - AM27C256-90

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
logo
NEC
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
   32,768 X 8-BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com