Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

K0820yURP Datasheet(PDF) 8 Page - Littelfuse

No. de pieza K0820yURP
Descripción Electrónicos  RoHS Compliant
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K0820yURP Datasheet(HTML) 8 Page - Littelfuse

  K0820yURP Datasheet HTML 1Page - Littelfuse K0820yURP Datasheet HTML 2Page - Littelfuse K0820yURP Datasheet HTML 3Page - Littelfuse K0820yURP Datasheet HTML 4Page - Littelfuse K0820yURP Datasheet HTML 5Page - Littelfuse K0820yURP Datasheet HTML 6Page - Littelfuse K0820yURP Datasheet HTML 7Page - Littelfuse K0820yURP Datasheet HTML 8Page - Littelfuse K0820yURP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Revised: 11/28/16
Specifications are subject to change without notice.
© 2016 Littelfuse, Inc.
Teccor® brand Thyristors
Standard Unidirectional SIDACs
Packing Options
Part Number
Marking
Weight
Package Mode
Packages
Base Quantity
Kxxx0S1URP
Kxxx
0.062g
Reel Pack
DO-214AC
5000
Kxxx0GURP
Kxxx
0.38g
Reel Pack
DO-15
5000
0.47
(12.0)
0.157
(4.0)
0.157
(4.0)
0.49
(12.5)
0.80 (20.2)
Arbor Hole Dia.
13.0 (330)
Dimensions are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape
Tape and Reel Specification — DO-214AC
Cathode
Part Numbering System
Part Marking System
K xxx 0 S1 U RP
DEVICE TYPE
K: Sidac
MEDIAN VOLTAGE
CONSTRUCTION
VARIABLE
PACKAGING OPTION
RP: Tape and Reel
UNIDIRECTIONAL
PACKAGE TYPE
S1: DO-214AC package
0: Single chip SIDAC
082: 75V~ 90V
090: 79V~ 97V
105: 95V~110V
110: 104V~118V
120: 110V~125V
130: 120V~138V
140: 130V~146V
150: 142V~157V
200: 190V~210V
G: DO-15 package
220: 210V~230V
230: 220V~240V
240: 230V~250V
250: 240V~260V
180: 167V~183V
K105
YMXXX
®
Date Code Marking
Y:Year Code
M: Month Code
XXX: Lot Trace Code
DO-214AC
DO-15
YMXXX
K105
K
A
K
A
A
K


Número de pieza similar - K0820yURP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
K0820GURP LITTELFUSE-K0820GURP Datasheet
671Kb / 8P
   Standard Unidirectional SIDACs
K0820S1URP LITTELFUSE-K0820S1URP Datasheet
671Kb / 8P
   Standard Unidirectional SIDACs
More results

Descripción similar - K0820yURP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com