Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Qxx25P5 Datasheet(PDF) 8 Page - Littelfuse

No. de pieza Qxx25P5
Descripción Electrónicos  RoHS compliant
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Qxx25P5 Datasheet(HTML) 8 Page - Littelfuse

Back Button Qxx25P5 Datasheet HTML 3Page - Littelfuse Qxx25P5 Datasheet HTML 4Page - Littelfuse Qxx25P5 Datasheet HTML 5Page - Littelfuse Qxx25P5 Datasheet HTML 6Page - Littelfuse Qxx25P5 Datasheet HTML 7Page - Littelfuse Qxx25P5 Datasheet HTML 8Page - Littelfuse Qxx25P5 Datasheet HTML 9Page - Littelfuse Qxx25P5 Datasheet HTML 10Page - Littelfuse Qxx25P5 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/30/16
Teccor® brand Thyristors
25 Amp Standard & Alternistor (High Commutation) Triacs
Dimensions — TO-263 (N Package) — D2Pak Surface Mount
Dimensions — TO-218AC (K Package) — Isolated Mounting Tab
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.211
0.219
5.36
5.56
L
0.422
0.437
10.72
11.10
M
0.058
0.068
1.47
1.73
N
0.045
0.055
1.14
1.40
P
0.095
0.115
2.41
2.92
Q
0.008
0.016
0.20
0.41
R
0.008
0.016
0.20
0.41
U
0.164
0.165
4.10
4.20
W
0.085
0.095
2.17
2.42
G
B
A
W
F
D
V
S
MT1
MT2
T
C MEA SURING POINT
C
E
K
H
J
U
.320
8.13
.276
7.01
.331
8.41
GATE
.460
11.68
.665
16.89
.260
6.60
.150
3.81
.080
2.03
.085
2.16
.055
1.40
.350
8.89
.276
7.01
.276
7.01
AREA: 0.11 IN2
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.360
0.370
9.14
9.40
B
0.380
0.420
9.65
10.67
C
0.178
0.188
4.52
4.78
D
0.025
0.035
0.64
0.89
E
0.045
0.060
1.14
1.52
F
0.060
0.075
1.52
1.91
G
0.095
0.105
2.41
2.67
H
0.092
0.102
2.34
2.59
J
0.018
0.024
0.46
0.61
K
0.090
0.110
2.29
2.79
S
0.590
0.625
14.99
15.88
V
0.035
0.045
0.89
1.14
U
0.002
0.010
0.05
0.25
W
0.040
0.070
1.02
1.78
C
D
H
G
F
B
A
E
TC Measurement Point
U (diameter)
P
Gate
J
MT2
MT1
M
N
K
L
R
Q
W
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).


Número de pieza similar - Qxx25P5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
QXX25P5 LITTELFUSE-QXX25P5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25P5 LITTELFUSE-QXX25P5 Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25P5 LITTELFUSE-QXX25P5 Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results

Descripción similar - Qxx25P5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com