Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3117N Datasheet(PDF) 2 Page - Sony Corporation

No. de pieza CXA3117N
Descripción Electrónicos  Achieving Low Power and High Speed in Paging System IF IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3117N Datasheet(HTML) 2 Page - Sony Corporation

  CXA3117N Datasheet HTML 1Page - Sony Corporation CXA3117N Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s Figure 1 High-Speed Paging System
s Figure 2 High-Speed Paging IF Amplifiers
system
Product name
1.1 to 4.0
1.1
IF amplifier in M-ary FSK pagers
Regulator output for use by the front-end circuit
Built-in second mixer
RSSI function defecting the weak signal level
Dynamic range: 45 dB (typ.)
Misoperation prevention function for
continuous data
Bit rate filter switching
Level comparator output
Regulator output for use by the front-end circuit
Built-in second mixer
RSSI function defecting the weak signal level
Dynamic range: 70 dB (typ.)
AFC function
Standard audio output level: about 600 mVrms
CXA3117N
Double conversion
VCC1: 1.1 to 4.0 VCC2: 2.5 to 4.0
VCC1: 0.95 VCC2: 0.2
24-pin SSOP
CXA3176N
IF amplifier in AFC supported FM
receivers
Regulator output for use by the front-end circuit
Built-in second mixer
RSSI function defecting the weak signal level
Dynamic range: 45 dB (typ.)
AFC function
Bit rate filter switching
Level comparator output
1.1 to 4.0
1.1
CXA3179N
IF amplifier in 900-MHz band and
narrow band M-ary FSK pagers
Package
Current consumption (mA)
Operating supply voltage
(V)
Features
Applications
s Table 1
Lineup for High-Speed Paging System Supported IC
• Faster Operation
• M-ary Data
• High
Frequency
• Narrow
Band
• Support for M-ary FSK
• Bit Rate Filter
• AFC Support
• FLEX
• FLEX-TD
Level Comparator Output
CXA3117N
• 900MHz Band
• Narrow Band
Level Comparator Output
CXA3179N
AFC Supported
FM Receiver
Audio Output
CXA3176N
ADC
Support
Ceramic
Filter
IF = 21.7MHz
Data Rate 6400/4
RF Amp.
BPF1
BPF2
LPF
MIX1
IF Amp.
CXA3117N
OSC1
MIX2
OSC2
RSSI
LVA
DET
LIM
Ceramic
Resonator
LCD
Driver
FLEX
Decoder
Decoder
Level
COMP
Bit Rate
Filter SW
ROM
RAM
LCD
Driver
LED
Vibrator
Speaker
System
Controller
M
455kHz
NRZ
COMP


Número de pieza similar - CXA3117N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
More results

Descripción similar - CXA3117N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
STW9C12B SEOUL-STW9C12B Datasheet
1Mb / 26P
   Achieving the best system cost in Mid/High Power
S2-STW9C2SB SEOUL-S2-STW9C2SB Datasheet
1Mb / 25P
   Achieving the best system cost in Mid/High Power
STW7C2SB SEOUL-STW7C2SB Datasheet
1Mb / 31P
   Achieving the best system cost in Mid/High Power
STW8C2PB SEOUL-STW8C2PB Datasheet
1Mb / 30P
   Achieving the best system cost in Mid/High Power
STW8C12B SEOUL-STW8C12B Datasheet
1Mb / 31P
   Achieving the best system cost in Mid-High Power
STW7C12C-E0 SEOUL-STW7C12C-E0 Datasheet
1Mb / 32P
   Achieving the best system cost in Mid/High Power
S2-STW8C2SB SEOUL-S2-STW8C2SB Datasheet
1Mb / 30P
   Achieving the best system cost in Mid/High Power
STW8C12C-S1 SEOUL-STW8C12C-S1 Datasheet
1Mb / 26P
   Achieving the best system cost in Mid/High Power
STW8C12C-E0 SEOUL-STW8C12C-E0 Datasheet
1Mb / 30P
   Achieving the best system cost in Mid/High Power
STW9B12B-NZ SEOUL-STW9B12B-NZ Datasheet
947Kb / 23P
   Achieving the best system cost in Mid Power
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com