Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-643x Datasheet(PDF) 10 Page - Broadcom Corporation.

No. de pieza HCPL-643x
Descripción Electrónicos  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-643x Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button HCPL-643x Datasheet HTML 6Page - Broadcom Corporation. HCPL-643x Datasheet HTML 7Page - Broadcom Corporation. HCPL-643x Datasheet HTML 8Page - Broadcom Corporation. HCPL-643x Datasheet HTML 9Page - Broadcom Corporation. HCPL-643x Datasheet HTML 10Page - Broadcom Corporation. HCPL-643x Datasheet HTML 11Page - Broadcom Corporation. HCPL-643x Datasheet HTML 12Page - Broadcom Corporation. HCPL-643x Datasheet HTML 13Page - Broadcom Corporation. HCPL-643x Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Broadcom
- 10 -
HCPL-540x, 5962-89570, HCPL-543x, HCPL-643x, 5962-89571
Data Sheet
Single-Channel Product Only
Single-Channel Product Only
Dual-Channel Product Only
Parameter
Symbol
Typ
Unit
Test Conditions
Fig
Notes
Input Capacitance
CIN
15
pF
f = 1 MHz, VF = 0V,
Pins 2 and 3
Output Enable Time to Logic High
tPZH
15
ns
8, 9
Output Enable Time to Logic Low
tPZL
30
ns
8, 9
Output Disable Time from Logic High
tPHZ
20
ns
8, 9
Output Disable Time from Logic Low
tPLZ
15
ns
8, 9
Parameter
Symbol
Typ
Unit
Test Conditions
Fig
Notes
Input Capacitance
CIN
15
pF
f = 1 MHz, VO = 0V
Input-Input Leakage Current
II-I
0.5
nA
RH ≤ 65%, VI-I = 500 Vdc
a
a.
Measured between adjacent input pairs shorted together for each multichannel device.
Input-Input Resistance
RI-I
1012
ΩVI-I = 500V
a
Input-Input Capacitance
CI-I
1.3
pF
f = 1 MHz, VF = 0V
a


Número de pieza similar - HCPL-643x

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-643X HP-HCPL-643X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-643X AVAGO-HCPL-643X Datasheet
353Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
More results

Descripción similar - HCPL-643x

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-643X AVAGO-HCPL-643X Datasheet
353Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com