Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW24NTYM Datasheet(PDF) 1 Page - Taoglas antenna solutions

No. de pieza FW24NTYM
Descripción Electrónicos  Meteor-2.4GHz Flexible Whip Monopole Antenna N Type(M) Straight
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAOGLAS [Taoglas antenna solutions]
Página de inicio  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW24NTYM Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FW24NTYM Datasheet HTML 1Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 2Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 3Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 4Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 5Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 6Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 7Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 8Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DSP-15-8-SPE-15-8-033/B/AW Page 1 of 15
SPECIFICATION
Part No.
:
FW.24.NTY.M
Description
: Meteor-2.4GHz Flexible Whip Monopole
Antenna N Type(M) Straight
Features
: External 2.4GHz Monopole Antenna
Designed for Outdoor Use
Omni-directional
Over 70% Efficiency*
Over 4dBi peak gain*
Robust Inner Steel Core
Antenna height 316mm
N Type(M) Straight Connector
IP67 dust and water-resistant
*Tested on 30cm*30cm Ground Plane
RoHS 


Número de pieza similar - FW24NTYM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
FW241 SANYO-FW241 Datasheet
30Kb / 4P
   Ultrahigh-Speed Swiching Applications
FW243 SANYO-FW243 Datasheet
42Kb / 4P
   DC/DC Converter Applications
FW245 SANYO-FW245 Datasheet
32Kb / 4P
   DC / DC Converter Applications
FW248 SANYO-FW248 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
logo
Taoglas antenna solutio...
FW24SMAM TAOGLAS-FW24SMAM Datasheet
984Kb / 12P
   Meteor 2.4GHz Flexible Whip Monopole Antenna
More results

Descripción similar - FW24NTYM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taoglas antenna solutio...
FW24SMAM TAOGLAS-FW24SMAM Datasheet
984Kb / 12P
   Meteor 2.4GHz Flexible Whip Monopole Antenna
FW86RNTM TAOGLAS-FW86RNTM Datasheet
859Kb / 14P
   Meteor-868MHz Flexible Whip Monopole Antenna RP-N Type(M) Straight
FW45BSMAM TAOGLAS-FW45BSMAM Datasheet
1Mb / 13P
   Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
FW95BSMAM TAOGLAS-FW95BSMAM Datasheet
2Mb / 12P
   Meteor ISM Band 915Mhz Flexible Whip Monopole Antenna SMA(M) Straight
FW86BSMAM TAOGLAS-FW86BSMAM Datasheet
1Mb / 12P
   Meteor ISM Band 868MHz Flexible Whip Monopole Antenna SMA(M) Straight
FW81SMAM TAOGLAS-FW81SMAM Datasheet
167Kb / 6P
   Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
FW80SMAM TAOGLAS-FW80SMAM Datasheet
471Kb / 7P
   Meteor 169MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
FW.92.RNT.M TAOGLAS-FW.92.RNT.M Datasheet
703Kb / 13P
   Flexible Whip Monopole Antenna
FW.90.SMA.M TAOGLAS-FW.90.SMA.M_17 Datasheet
1Mb / 15P
   Flexible Whip Monopole Antenna
FW.91.TNC.M TAOGLAS-FW.91.TNC.M Datasheet
875Kb / 13P
   Flexible Whip Monopole Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com