Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW90SMAM Datasheet(PDF) 4 Page - Taoglas antenna solutions

No. de pieza FW90SMAM
Descripción Electrónicos  Flexible Whip Monopole Antenna LTE / Cellular / CDMA Antenna For 4G/3G/2G Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAOGLAS [Taoglas antenna solutions]
Página de inicio  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW90SMAM Datasheet(HTML) 4 Page - Taoglas antenna solutions

  FW90SMAM Datasheet HTML 1Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 2Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 3Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 4Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 5Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 6Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 7Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 8Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SPE-11-8-142/H/SS
Page 4 of 15
LTE BANDS
Band Number
LTE / LTE-Advanced / WCDMA / HSPA / HSPA+ / TD-SCDMA
Uplink
Downlink
Covered
1
UL: 1920 to 1980
DL: 2110 to 2170
2
UL: 1850 to 1910
DL: 1930 to 1990
3
UL: 1710 to 1785
DL: 1805 to 1880
4
UL: 1710 to 1755
DL: 2110 to 2155
5
UL: 824 to 849
DL: 869 to 894
7
UL: 2500 to 2570
DL:2620 to 2690
8
UL: 880 to 915
DL: 925 to 960
9
UL: 1749.9 to 1784.9
DL: 1844.9 to 1879.9
11
UL: 1427.9 to 1447.9
DL: 1475.9 to 1495.9
12
UL: 699 to 716
DL: 729 to 746
13
UL: 777 to 787
DL: 746 to 756
14
UL: 788 to 798
DL: 758 to 768
17
UL: 704 to 716
DL: 734 to 746 (LTE only)
18
UL: 815 to 830
DL: 860 to 875 (LET only)
19
UL: 830 to 845
DL: 875 to 890
20
UL: 832 to 862
DL: 791 to 821
21
UL: 1447.9 to 1462.9
DL: 1495.9 to 1510.9
22
UL: 3410 to 3490
DL: 3510 to 3590
23
UL:2000 to 2020
DL: 2180 to 2200 (LTE only)
24
UL:1625.5 to 1660.5
DL: 1525 to 1559 (LTE only)
25
UL: 1850 to 1915
DL: 1930 to 1995
26
UL: 814 to 849
DL: 859 to 894
27
UL: 807 to 824
DL: 852 to 869 (LTE only)
28
UL: 703 to 748
DL: 758 to 803 (LTE only)
29
UL: -
DL: 717 to 728 (LTE only)
30
UL: 2305 to 2315
DL: 2350 to 2360 (LTE only)
31
UL: 452.5 to 457.5
DL: 462.5 to 467.5 (LTE only)
32
UL: -
DL: 1452 - 1496
35
1850 to 1910
38
2570 to 2620
39
1880 to 1920
40
2300 to 2400
41
2496 to 2690
42
3400 to 3600
43
3600 to 3800
*Covered bands represent an efficiency greater than 20%


Número de pieza similar - FW90SMAM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FW90SMAM ETC2-FW90SMAM Datasheet
493Kb / 12P
   Penta-band Cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna 850/900/1800/1900/2100 MHz
More results

Descripción similar - FW90SMAM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taoglas antenna solutio...
FW92RNTM TAOGLAS-FW92RNTM Datasheet
703Kb / 13P
   Penta-band cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna
PA.710.A TAOGLAS-PA.710.A_18 Datasheet
1Mb / 21P
   Ultra Wideband LTE/Cellular/CDMA SMD Antenna For 4G/3G/2G Applications
logo
List of Unclassifed Man...
G30B108111 ETC2-G30B108111 Datasheet
788Kb / 19P
   Olympian Direct Mount Ultra Wide-Band LTE/Cellular/CDMA Antenna For 2G/3G/4G Applications
logo
Maxtena Inc.
MEA-2700-UWB-SM MAXTENA-MEA-2700-UWB-SM Datasheet
825Kb / 4P
   4G/LTE/CELLULAR/CDMA ANTENNA
REV A
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
G30B108111 TAOGLAS-G30B108111 Datasheet
1Mb / 22P
   Olympian Direct Mount Ultra Wide-Band LTE / Cellular / CDMA Antenna For 4G/3G/2G Applications
logo
TE Connectivity Ltd
602-456-XXX TEC-602-456-XXX Datasheet
695Kb / 4P
   Cellular (2G/3G/4G) Outdoor Antenna
955-006-XXX TEC-955-006-XXX Datasheet
956Kb / 4P
   CELLULAR (2G/3G/4G) Magnetic Antenna
602-458-XXX TEC-602-458-XXX Datasheet
877Kb / 2P
   CELLULAR (2G/3G/4G) Outdoor Antenna
920-635-001 TEC-920-635-001 Datasheet
1Mb / 4P
   CELLULAR (2G/3G/4G) Screw Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com