Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSCM0765R Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FSCM0765R
Descripción Electrónicos  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0765R Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSCM0765R Datasheet HTML 2Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 3Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 4Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 5Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 6Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 7Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 8Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 9Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
FSCM0765R
6
Notes:
1. These parameters, although guaranteed at the design, are not tested in mass production.
2. These parameters indicate the inductor current.
3. This parameter is the current flowing into the control IC.
PROTECTION SECTION
Peak Current Limit(2)
ILIM
VCC = 14V, VFB = 5V
2.64
3
3.36
A
Over Voltage Protection
VOVP
-18
19
20
V
Thermal Shutdown Temperature(1)
TSD
130
145
160
°C
ShutdownDelay Current
IDELAY
VFB = 4V
3.5
5.3
7
μA
Shutdown Feedback Voltage
VSD
VFB > 5.5V
5.5
6
6.5
V
TOTAL DEVICE SECTION
Startup Current
Istart
-20
40
μA
Operating Supply Current(3)
IOP(MIN)
VCC = 10V, VFB = 0V
-2.5
5
mA
IOP(MAX)
VCC = 20V, VFB = 0V


Número de pieza similar - FSCM0765R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSCM0765R FAIRCHILD-FSCM0765R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCM0765R FAIRCHILD-FSCM0765R Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCM0765R FAIRCHILD-FSCM0765R Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSCM0765RG FAIRCHILD-FSCM0765RG Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSCM0765RG FAIRCHILD-FSCM0765RG Datasheet
468Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
More results

Descripción similar - FSCM0765R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com