Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G32FX4-7 Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza 74LVC1G32FX4-7
Descripción Electrónicos  SINGLE 2 INPUT POSITIVE OR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G32FX4-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC1G32FX4-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74LVC1G32
Document number: DS32200 Rev. 8 - 2
4 of 14
www.diodes.com
July 2014
© Diodes Incorporated
74LVC1G32
Electrical Characteristics (All typical values are at VCC = 3.3V, TA = +25°C)
Symbol
Parameter
Test Conditions
VCC
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
VOH
High-Level
Output Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
VCC – 0.1
V
IOH = -4mA
1.65V
1.2
0.95
IOH = -8mA
2.3V
1.9
1.7
IOL = -12mA
2.7V
2.2
1.9
IOH = -16mA
3V
2.4
2.2
IOH = -24mA
2.3
2.0
IOH = -32mA
4.5V
3.8
3.4
VOL
Low-Level
Output Voltage
IOL = 100μA
1.65V to 5.5V
0.1
0.1
V
IOL = 4mA
1.65V
0.45
0.7
IOL = 8mA
2.3V
0.3
0.45
IOL = 12mA
2.7V
0.4
0.6
IOL = 16mA
3V
0.4
0.6
IOL = 24mA
0.55
0.8
IOL = 32mA
4.5V
0.55
.8
II
Input Current
VI = 5.5 V or GND
0 to 5.5V
± 0.1
±5
± 100
μA
IOFF
Power Down
Leakage
Current
VI or VO = 5.5V
0V
±10
±200
μA
ICC
Supply Current
VI = 5.5V or GND
IO=0
5.5V
0.1
10
200
μA
∆ICC
Additional
Supply Current
One input at VCC –0.6V
Other inputs at VCC or
GND
3V to 5.5V
500
5000
μA
Ci
Input
Capacitance
Vi = VCC – or GND
3.3V
5
pF
Package Characteristics (All typical values are at VCC = 3.3V, TA = +25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
θJA
Thermal Resistance
Junction-to-Ambient
SOT25
(Note 9)
204
°C/W
SOT353
371
SOT553
231
X2-DFN0808-4
400
X1-DFN1010-6
435
X2-DFN1010-6
445
X2-DFN1409-6
470
X2-DFN1410-6
460
θJC
Thermal Resistance
Junction-to-Case
SOT25
(Note 9)
52
°C/W
SOT353
143
SOT553
105
X2-DFN0808-4
225
X1-DFN1010-6
250
X2-DFN1010-6
250
X2-DFN1409-6
275
X2-DFN1410-6
265
Note:
9. Test condition for each of the 8 package types: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.


Número de pieza similar - 74LVC1G32FX4-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
74LVC1G32FZ4 DIODES-74LVC1G32FZ4 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
74LVC1G32FZ4-7 DIODES-74LVC1G32FZ4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
74LVC1G32FZ4-7 DIODES-74LVC1G32FZ4-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
More results

Descripción similar - 74LVC1G32FX4-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com