Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVC1G32FZ4-7 Datasheet(PDF) 2 Page - Diodes Incorporated |
|
74LVC1G32FZ4-7 Datasheet(HTML) 2 Page - Diodes Incorporated |
2 / 14 page 74LVC1G32 Document number: DS32200 Rev. 8 - 2 2 of 14 www.diodes.com July 2014 © Diodes Incorporated 74LVC1G32 Ordering Information 74 LVC1G 32 XXX -7 Logic Device Function Package Packing 74 : Logic Prefix 32 : 2-Input W5 : SOT25 -7 : 7” Tape & Reel LVC : 1.65 to 5.5 V OR Gate SE : SOT353 Logic Family Z : SOT553 1G : One Gate FS3 : X2-DFN0808-4 FW5 : X1-DFN1010-6 FW4 :X2-DFN1010-6 FX4 : X2- DFN1409-6 FZ4 : X2- DFN1410-6 Part Number Package Code Package (Notes 4 & 5) Package Size 7” Tape and Reel Quantity Part Number Suffix 74LVC1G32W5-7 W5 SOT25 3.0mm X 2.8mm X 1.2mm 0.95 mm lead pitch 3000/Tape & Reel -7 74LVC1G32SE-7 SE SOT353 2.0mm X 2.0mm X 1.1mm 0.65 mm lead pitch 3000/Tape & Reel -7 74LVC1G32Z-7 Z SOT553 1.6mm X 1.6 mm X 0.62mm 0.5 mm lead pitch 4000/Tape & Reel -7 74LVC1G32FS3-7 FS3 X2-DFN0808-4 0.9mm X 0.9 mm X 0.35mm 0.5 mm pad pitch (diamond) 5000/Tape & Reel -7 74LVC1G32FW5-7 FW5 X1-DFN1010-6 1.0mm X 1.0mm X 0.5mm 0.35 mm pad pitch 5000/Tape & Reel -7 74LVC1G32FW4-7 FW4 X2-DFN1010-6 1.0mm X 1.0mm X 0.4mm 0.35 mm pad pitch 5000/Tape & Reel -7 74LVC1G32FX4-7 FX4 X2-DFN1409-6 (Chip scale alternative) 1.4mm X 0.9mm X 0.4mm 0.5 mm pad pitch 5000/Tape & Reel -7 74LVC1G32FZ4-7 FZ4 X2-DFN1410-6 1.4mm X 1.0mm X 0.4mm 0.5 mm pad pitch 5000/Tape & Reel -7 Notes: 4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 5. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf Pin Descriptions Pin Name Description A Data Input B Data Input GND Ground Y Data Output VCC Supply Voltage NC No Connection Function Table Inputs Output A B Y H X H X H H L L L Logic Diagram |
Número de pieza similar - 74LVC1G32FZ4-7 |
|
Descripción similar - 74LVC1G32FZ4-7 |