Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM311-MILP Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM311-MILP
Descripción Electrónicos  Differential Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM311-MILP Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM311-MILP Datasheet HTML 4Page - Texas Instruments LM311-MILP Datasheet HTML 5Page - Texas Instruments LM311-MILP Datasheet HTML 6Page - Texas Instruments LM311-MILP Datasheet HTML 7Page - Texas Instruments LM311-MILP Datasheet HTML 8Page - Texas Instruments LM311-MILP Datasheet HTML 9Page - Texas Instruments LM311-MILP Datasheet HTML 10Page - Texas Instruments LM311-MILP Datasheet HTML 11Page - Texas Instruments LM311-MILP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
VID
VCC+ = 15 V
500
VO
VCC− = −15 V
5 V
Copyright ©
Texas Instruments Incorporated
2017,
VID
VCC+ = 30 V
600
VCC−
Output
Copyright ©
Texas Instruments Incorporated
2017,
VID
VCC+ = 30 V
1 k
Output
VCC−
VI = 40 V
Copyright ©
Texas Instruments Incorporated
2017,
8
LM311-MIL
SLCS163 – JUNE 2017
www.ti.com
Product Folder Links: LM311-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 9. Collector Output Transfer Characteristic Test Circuit
Figure 10. Emitter Output Transfer Characteristic Test Circuit
Figure 11. Test Circuit for Figure 3 and Figure 4


Número de pieza similar - LM311-MILP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM311-MWC TI1-LM311-MWC Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
LM311-MWC TI1-LM311-MWC Datasheet
1Mb / 32P
[Old version datasheet]   Voltage Comparator
More results

Descripción similar - LM311-MILP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL331I TI-TL331I Datasheet
156Kb / 3P
[Old version datasheet]   DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com