Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM340K-5.0 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM340K-5.0
Descripción Electrónicos  Wide VIN 1.5-A Fixed Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM340K-5.0 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM340K-5.0 Datasheet HTML 7Page - Texas Instruments LM340K-5.0 Datasheet HTML 8Page - Texas Instruments LM340K-5.0 Datasheet HTML 9Page - Texas Instruments LM340K-5.0 Datasheet HTML 10Page - Texas Instruments LM340K-5.0 Datasheet HTML 11Page - Texas Instruments LM340K-5.0 Datasheet HTML 12Page - Texas Instruments LM340K-5.0 Datasheet HTML 13Page - Texas Instruments LM340K-5.0 Datasheet HTML 14Page - Texas Instruments LM340K-5.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
LM340-MIL
www.ti.com
SNOSD64 – JUNE 2017
Product Folder Links: LM340-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM340-MIL device is a fixed-output positive-voltage regulator with outputs ranging from 3 V to 15 V. The
device accepts up to 35 V of input voltage and, with proper heat dissipation, can provide over 1.5 A of current.
With a combination of current limiting, thermal shutdown, and safe area protection, this regulator helps eliminate
any concern of damage. These features paired with excellent line and load regulation make the LM340-MIL
device a versatile solution to a wide range of power management designs. Although the LM340-MIL device was
designed primarily as fixed-voltage regulators, the device can be used with external component for adjustable
voltage and current.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Output Current
With proper considerations, the LM340-MIL device can exceed 1.5-A output current. Depending on the desired
package option, the effective junction-to-ambient thermal resistance can be reduced through heat sinking,
allowing more power to be dissipated in the device.
7.3.2 Current Limiting Feature
In the event of a short circuit at the output of the regulator, each device has an internal current limit to protect it
from damage. The typical current limits for the LM340-MIL device is 2.4 A.
7.3.3 Thermal Shutdown
Each package type employs internal current limiting and thermal shutdown to provide safe operation area
protection. If the junction temperature is allowed to rise to 150°C, the device will go into thermal shutdown.
7.4 Device Functional Modes
There are no functional modes for this device.


Número de pieza similar - LM340K-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM340K-5.0 NSC-LM340K-5.0 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340K-5.0 TI1-LM340K-5.0 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340K-5.0 TI-LM340K-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5.0 TI-LM340K-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5.0 TI-LM340K-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
More results

Descripción similar - LM340K-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM340 TI1-LM340_16 Datasheet
3Mb / 33P
[Old version datasheet]   1.5-A Fixed Voltage Regulators
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX_08 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
logo
ON Semiconductor
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
   7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2 Datasheet
56Kb / 8P
   4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com