Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6639MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMH6639MA/NOPB
Descripción Electrónicos  190MHz Rail-to-Rail Output Amplifier with Disable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6639MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6639MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
2
3
4
5
6
7
8
9
10
VS (V)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
TJ= -40°C
UNIT 1
UNIT 3
UNIT 2
-1
4
5
8
9 10
2
2.5
3.5
4
4.5
5
5.5
6
6.5
7
VCM (V)
3
1
2
3
6
7
0
125°C
85°C
VS=10V
-40°C
25°C
2
3
4
5
6
7
8
9
10
VS (V)
-1.5
-1
-0.5
0
0.5
1
TJ = 85°C
UNIT 1
UNIT 3
UNIT 2
2
3
4
5
6
7
8
9
10
VS (V)
-1.2
-1
-0.6
-0.4
-0.2
0
0.4
0.6
TJ = 25°C
UNIT 3
-0.8
0.2
UNIT 1
UNIT 2
2
4
6
8
10
12
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
VS (V)
125°C
85°C
25°C
-40°C
2
3
4
5
6
7
8
9
10
VS (V)
-2
-1.5
-1
-0.5
0
1
TJ = 125°C
UNIT 3
0.5
UNIT 1
UNIT 2
LMH6639
www.ti.com
SNOS989G – JANUARY 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, V
+ = +2.5, V= −2.5V, R
F = 330Ω for AV = +2, RF = 1kΩ for AV = −1. Unless otherwise specified.
IOS vs.
VOS vs.
VS for Various Temperature
VS for 3 Representative Units
Figure 10.
Figure 11.
VOS vs.
VOS vs.
VS for 3 Representative Units
VS for 3 Representative Units
Figure 12.
Figure 13.
VOS vs.
ISUPPLY vs.
VS for 3 Representative Units
VCM for Various Temperature
Figure 14.
Figure 15.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6639


Número de pieza similar - LMH6639MA/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMH6639MA/NOPB TI1-LMH6639MA/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
More results

Descripción similar - LMH6639MA/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6639 NSC-LMH6639 Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639 TI1-LMH6639_16 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
logo
National Semiconductor ...
LMH6639 NSC-LMH6639_14 Datasheet
1Mb / 26P
   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
National Semiconductor ...
LMV422 NSC-LMV422 Datasheet
761Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier with
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com