Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR23615 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMR23615
Descripción Electrónicos  SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23615 Datasheet(HTML) 5 Page - Texas Instruments

  LMR23615 Datasheet HTML 1Page - Texas Instruments LMR23615 Datasheet HTML 2Page - Texas Instruments LMR23615 Datasheet HTML 3Page - Texas Instruments LMR23615 Datasheet HTML 4Page - Texas Instruments LMR23615 Datasheet HTML 5Page - Texas Instruments LMR23615 Datasheet HTML 6Page - Texas Instruments LMR23615 Datasheet HTML 7Page - Texas Instruments LMR23615 Datasheet HTML 8Page - Texas Instruments LMR23615 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
LMR23615
www.ti.com
SNVSAV8 – JUNE 2017
Product Folder Links: LMR23615
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Determine power rating at a specific ambient temperature TA with a maximum junction temperature (TJ) of 125°C (see Recommended
Operating Conditions ).
6.4 Thermal Information
THERMAL METRIC(1)(2)
LMR23615
UNIT
DRR (WSON)
(12 PINS)
RθJA
Junction-to-ambient thermal resistance
41.5
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
16.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
39.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.4
°C/W
RθJB
Junction-to-board thermal resistance
16.3
°C/W
6.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY (VIN PIN)
VIN
Operation input voltage
4
36
V
VIN_UVLO
Undervoltage lockout thresholds
Rising threshold
3.3
3.6
3.9
V
Falling threshold
3
3.3
3.5
ISHDN
Shutdown supply current
VEN = 0 V, VIN = 12 V, TJ = –40 °C to 125°C
2
4
μA
IQ
Operating quiescent current
(non- switching)
VIN =12 V, VFB = 1.2 V, TJ = –40 °C to
125°C, PFM mode
75
μA
ENABLE (EN PIN)
VEN_H
Enable rising threshold voltage
1.4
1.55
1.7
V
VEN_HYS
Enable hysteresis voltage
0.4
V
VWAKE
Wake-up threshold
0.4
V
IEN
Input leakage current at EN pin
VIN = 4 V to 36 V, VEN= 2 V
10
100
nA
VIN = 4 V to 36 V, VEN= 36 V
1
μA
VOLTAGE REFERENCE (FB PIN)
VREF
Reference voltage
VIN = 4 V to 36 V, TJ = 25 °C
0.985
1
1.015
V
VIN = 4 V to 36 V, TJ = –40 °C to 125°C
0.980
1
1.020
ILKG_FB
Input leakage current at FB pin
VFB= 1 V
10
nA
INTERNAL LDO (VCC PIN)
VCC
Internal LDO output voltage
4.1
V
VCC_UVLO
VCC undervoltage lockout
thresholds
Rising threshold
2.8
3.2
3.6
V
Falling threshold
2.4
2.8
3.2
CURRENT LIMIT
IHS_LIMIT
Peak inductor current limit
2.9
3.9
4.9
A
ILS_LIMIT
Valley inductor current limit
1.9
2.5
3.2
A
IL_ZC
Zero cross current limit
–0.04
A
INTEGRATED MOSFETS
RDS_ON_HS
High-side MOSFET ON-
resistance
VIN = 12 V, IOUT = 1 A
160
m
RDS_ON_LS
Low-side MOSFET ON-
resistance
VIN = 12 V, IOUT = 1 A
95
m


Número de pieza similar - LMR23615

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR23615 TI1-LMR23615 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615DRRR TI1-LMR23615DRRR Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results

Descripción similar - LMR23615

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com