Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR23630AFDDAR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMR23630AFDDAR
Descripción Electrónicos  SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630AFDDAR Datasheet(HTML) 4 Page - Texas Instruments

  LMR23630AFDDAR Datasheet HTML 1Page - Texas Instruments LMR23630AFDDAR Datasheet HTML 2Page - Texas Instruments LMR23630AFDDAR Datasheet HTML 3Page - Texas Instruments LMR23630AFDDAR Datasheet HTML 4Page - Texas Instruments LMR23630AFDDAR Datasheet HTML 5Page - Texas Instruments LMR23630AFDDAR Datasheet HTML 6Page - Texas Instruments LMR23630AFDDAR Datasheet HTML 7Page - Texas Instruments LMR23630AFDDAR Datasheet HTML 8Page - Texas Instruments LMR23630AFDDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
LMR23630
SNVSAH2C – DECEMBER 2015 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
A = Analog, P = Power, G = Ground.
Pin Functions
PIN
I/O (1)
DESCRIPTION
HSO
IC
WSON With
RT
WSON With
PGOOD
NAME
1
1, 2
1, 2
SW
P
Switching output of the regulator. Internally connected to both power
MOSFETs. Connect to power inductor.
2
3
3
BOOT
P
Boot-strap capacitor connection for high-side driver. Connect a high quality
470-nF capacitor from BOOT to SW.
3
4
4
VCC
P
Internal bias supply output for bypassing. Connect bypass capacitor from
this pin to AGND. Do not connect external loading to this pin. Never short
this pin to ground during operation.
4
5
5
FB
A
Feedback input to regulator, connect the midpoint of feedback resistor
divider to this pin.
N/A
6
N/A
RT
A
Connect a resistor RT from this pin to AGND to program switching
frequency. Leave floating for 400-kHz default switching frequency.
N/A
N/A
6
PGOOD
A
Open drain output for power-good flag. Use a 10-kΩ to 100-kΩ pullup
resistor to logic rail or other DC voltage no higher than 12 V.
5
8
8
EN/SYNC
A
Enable input to regulator. High = On, Low = Off. Can be connected to VIN.
Do not float. Adjust the input undervoltage lockout with two resistors. The
internal oscillator can be synchronized to an external clock by coupling a
positive pulse into this pin through a small coupling capacitor. See
Enable/Sync for details.
6
7
7
AGND
G
Analog ground pin. Ground reference for internal references and logic.
Connect to system ground.
7
9, 10
9, 10
VIN
P
Input supply voltage.
8
12
12
PGND
G
Power ground pin, connected internally to the low side power FET.
Connect to system ground, PAD, AGND, ground pins of CIN and COUT.
Path to CIN must be as short as possible.
9
13
13
PAD
G
Low impedance connection to AGND. Connect to PGND on PCB. Major
heat dissipation path of the die. Must be used for heat sinking to ground
plane on PCB.
N/A
11
11
NC
N/A
Not for use. Leave this pin floating.


Número de pieza similar - LMR23630AFDDAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results

Descripción similar - LMR23630AFDDAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com