Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS70916DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS70916DBVT
Descripción Electrónicos  150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70916DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS70916DBVT Datasheet HTML 2Page - Texas Instruments TPS70916DBVT Datasheet HTML 3Page - Texas Instruments TPS70916DBVT Datasheet HTML 4Page - Texas Instruments TPS70916DBVT Datasheet HTML 5Page - Texas Instruments TPS70916DBVT Datasheet HTML 6Page - Texas Instruments TPS70916DBVT Datasheet HTML 7Page - Texas Instruments TPS70916DBVT Datasheet HTML 8Page - Texas Instruments TPS70916DBVT Datasheet HTML 9Page - Texas Instruments TPS70916DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TPS709
SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015
www.ti.com
6.5 Electrical Characteristics
At ambient temperature (TA) = –40°C to +85°C, VIN = VOUT(typ) + 1 V or 2.7 V (whichever is greater), IOUT = 1 mA, VEN = 2 V,
and CIN = COUT = 2.2-μF ceramic, unless otherwise noted. Typical values are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.7
30
V
VOUT
Output voltage range
1.2
6.5
V
VOUT < 3.3 V
–2%
2%
VOUT
DC output accuracy
VOUT ≥ 3.3 V
–1%
1%
Line regulation
(VOUT(nom) + 1 V, 2.7 V) ≤ VIN ≤ 30 V
3
10
ΔVOUT
mV
VIN = VOUT(typ) + 1.5 V or 3 V (whichever is
Load regulation
20
50
greater), 100 µA
≤ IOUT ≤ 150 mA
TPS70933, IOUT = 50 mA
295
650
TPS70933, IOUT = 150 mA
960
1400
TPS70950, IOUT = 50 mA
245
500
VDO
Dropout voltage(1)(2)
mV
TPS70950, IOUT = 150 mA
690
1200
TPS70965, IOUT = 50 mA
180
500
TPS70965, IOUT = 150 mA
460
1000
I(CL)
Output current limit(3)
VOUT = 0.9 × VOUT(nom)
200
320
500
mA
IOUT = 0 mA, VOUT ≤ 3.3 V
1.3
2.05
IGND
Ground pin current
IOUT = 0 mA, VOUT > 3.3 V
1.4
2.25
µA
IOUT = 150 mA
350
ISHUTDOWN
Shutdown current
VEN ≤ 0.4 V, VIN = 2.7 V
150
nA
f = 10 Hz
80
PSRR
Power-supply rejection ratio
f = 100 Hz
62
dB
f = 1 kHz
52
BW = 10 Hz to 100 kHz, IOUT = 10 mA,
Vn
Output noise voltage
190
μVRMS
VIN = 2.7 V, VOUT = 1.2 V
VOUT(nom) ≤ 3.3 V
200
600
tSTR
Start-up time(4)
µs
VOUT(nom) > 3.3 V
500
1500
Enable pin high (enabled)
0.9
VEN(HI)
V
Enable pin high (disabled)
0
0.4
IEN
EN pin current
EN = 1.0 V, VIN = 5.5 V
300
nA
Reverse current
VOUT = 3 V, VIN = VEN = 0 V
10
(flowing out of IN pin)
I(REV)
nA
Reverse current
VOUT = 3 V, VIN = VEN = 0 V
100
(flowing into OUT pin)
Shutdown, temperature increasing
158
Thermal shutdown
tSD
°C
temperature
Reset, temperature decreasing
140
(1)
VDO is measured with VIN = 0.98 × VOUT(nom).
(2)
Dropout is only valid when VOUT ≥ 2.8 V because of the minimum input voltage limits.
(3)
Measured with VIN = VOUT + 3 V for VOUT ≤ 2.5 V. Measured with VIN = VOUT + 2.5 V for VOUT > 2.5 V.
(4)
Startup time = time from EN assertion to 0.95 × VOUT(nom) and load = 47 Ω.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS709


Número de pieza similar - TPS70916DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70916DBVT TI1-TPS70916DBVT Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS70916DBVT TI1-TPS70916DBVT Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS70916DBVT TI1-TPS70916DBVT Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70916DBVT TI1-TPS70916DBVT Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70916DBVT TI-TPS70916DBVT Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Descripción similar - TPS70916DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com