Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS70919DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS70919DBVR
Descripción Electrónicos  150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70919DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS70919DBVR Datasheet HTML 6Page - Texas Instruments TPS70919DBVR Datasheet HTML 7Page - Texas Instruments TPS70919DBVR Datasheet HTML 8Page - Texas Instruments TPS70919DBVR Datasheet HTML 9Page - Texas Instruments TPS70919DBVR Datasheet HTML 10Page - Texas Instruments TPS70919DBVR Datasheet HTML 11Page - Texas Instruments TPS70919DBVR Datasheet HTML 12Page - Texas Instruments TPS70919DBVR Datasheet HTML 13Page - Texas Instruments TPS70919DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (10 ms / div)
Channel 2 = V
Channel 4 = I
V
= 2.7 V
OUT
OUT
IN
G022
Channel 4
(100 mA / div)
Channel 2
(200 mV / div)
Time (100 s / div)
m
Channel 2 = V
4 = I
V
= 2.7 V
OUT
OUT
IN
Channel
G023
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (100 s / div)
m
Channel 2 = V
Channel 4 = I
V
= 2.7 V
OUT
OUT
IN
G020
Channel 4
(100 mA / div)
Channel 2
(200 mV / div)
Time (500 s / div)
m
Channel 2 = V
Channel 4 = I
V
= 2.7 V
OUT
OUT
IN
G021
0
1
2
3
4
5
6
7
10
100
1k
10k
100k
Frequency (Hz)
VOUT = 2.8 V
G018
100
110
120
130
140
−50 −35 −20 −5
10
25
40
55
70
85 100 115 130
Temperature (°C)
TPS70912
G019
TPS709
SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), IOUT = 10 mA, VEN = 2 V, COUT = 2.2 μF, and VIN = VOUT(typ) + 1 V or
2.7 V (whichever is greater), unless otherwise noted. Typical values are at TJ = 25°C.
Figure 19. Noise
Figure 20. Start-Up Time vs Temperature
Figure 21. TPS70912 Load Transient (0 mA to 50 mA)
Figure 22. TPS70912 Load Transient (1 mA to 150 mA)
Figure 23. TPS70912 Load Transient (50 mA to 0 mA)
Figure 24. TPS70912 Load Transient (50 mA to 150 mA)
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS709


Número de pieza similar - TPS70919DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70919DBVR TI1-TPS70919DBVR Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS70919DBVR TI1-TPS70919DBVR Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS70919DBVR TI1-TPS70919DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70919DBVR TI1-TPS70919DBVR Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70919DBVR TI-TPS70919DBVR Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Descripción similar - TPS70919DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com