Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM718V089 Datasheet(PDF) 3 Page - Samsung semiconductor

No. de pieza KM718V089
Descripción Electrónicos  512Kx36 & 1Mx18 Synchronous SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM718V089 Datasheet(HTML) 3 Page - Samsung semiconductor

  KM718V089 Datasheet HTML 1Page - Samsung semiconductor KM718V089 Datasheet HTML 2Page - Samsung semiconductor KM718V089 Datasheet HTML 3Page - Samsung semiconductor KM718V089 Datasheet HTML 4Page - Samsung semiconductor KM718V089 Datasheet HTML 5Page - Samsung semiconductor KM718V089 Datasheet HTML 6Page - Samsung semiconductor KM718V089 Datasheet HTML 7Page - Samsung semiconductor KM718V089 Datasheet HTML 8Page - Samsung semiconductor KM718V089 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
512Kx36 & 1Mx18 Synchronous SRAM
- 3 -
Rev 1.0
December 1999
KM718V089
KM736V989
PIN CONFIGURATION(TOP VIEW)
PIN NAME
Note : 1. A0 and A1 are the two least significant bits(LSB) of the address field and set the internal burst counter if burst is desired.
SYMBOL
PIN NAME
TQFP PIN NO.
SYMBOL
PIN NAME
TQFP PIN NO.
A0 - A18
ADV
ADSP
ADSC
CLK
CS1
CS2
CS2
WEx(x=a,b,c,d)
OE
GW
BW
ZZ
LBO
Address Inputs
Burst Address Advance
Address Status Processor
Address Status Controller
Clock
Chip Select
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Global Write Enable
Byte Write Enable
Power Down Input
Burst Mode Control
32,33,34,35,36,37,42
43,44,45,46,47,48,49
50,81,82,99,100
83
84
85
89
98
97
92
93,94,95,96
86
88
87
64
31
VDD
VSS
N.C.
DQa0~a7
DQb0~b7
DQc0~c7
DQd0~d7
DQPa~Pd
VDDQ
VSSQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Output Power Supply
(3.3V or 2.5V)
Output Ground
15,41,65,91
17,40,67,90
14,16,38,39,66
52,53,56,57,58,59,62,63
68,69,72,73,74,75,78,79
2,3,6,7,8,9,12,13
18,19,22,23,24,25,28,29
51,80,1,30
4,11,20,27,54,61,70,77
5,10,21,26,55,60,71,76
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
100 Pin TQFP
(20mm x 14mm)
DQPc
DQc0
DQc1
VDDQ
VSSQ
DQc2
DQc3
DQc4
DQc5
VSSQ
VDDQ
DQc6
DQc7
N.C.
VDD
N.C.
VSS
DQd0
DQd1
VDDQ
VSSQ
DQd2
DQd3
DQd4
DQd5
VSSQ
VDDQ
DQd6
DQd7
DQPd
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DQPb
DQb7
DQb6
VDDQ
VSSQ
DQb5
DQb4
DQb3
DQb2
VSSQ
VDDQ
DQb1
DQb0
VSS
N.C.
VDD
ZZ
DQa7
DQa6
VDDQ
VSSQ
DQa5
DQa4
DQa3
DQa2
VSSQ
VDDQ
DQa1
DQa0
DQPa
KM736V989(512Kx36)


Número de pieza similar - KM718V089

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
KM718V987 SAMSUNG-KM718V987 Datasheet
574Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
More results

Descripción similar - KM718V089

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7B163635B SAMSUNG-K7B163635B Datasheet
442Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
K7A163630B SAMSUNG-K7A163630B Datasheet
419Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7Q163662B SAMSUNG-K7Q163662B Datasheet
337Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com