Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3336B Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

No. de pieza 1N3336B
Descripción Electrónicos  50W Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NAINA [Naina Semiconductor ltd.]
Página de inicio  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N3336B Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  1N3336B Datasheet HTML 1Page - Naina Semiconductor ltd. 1N3336B Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
1N3305 thru
1N3350
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
50W Zener Diodes
Features
Glass passivated junction
Good clamping ability
Available in Normal and Reverse polarity
Metric and UNF thread type
Mechanical Characteristics
Hermetically sealed DO-5 outline
Polarity: Indicated by direction of Zener symbol
External surfaces corrosion resistant & terminal Solderable
Weight: 16 grams
Torque Setting: 3.5 Nm
Electrical Data
DC Power Dissipation: 50 Watts
Voltage Range 6.8 – 200 Volts
Operating temperature -65oC to +175oC
Derating: 0.5 W/oC over 75oC
Forward Voltage @ 10A: 1.5 Volts
DO-203AB (DO-5)
ALL DIMENSIONS IN MM
Stud Anode Normal
Stud Cathode Reverse (“R” suffix)


Número de pieza similar - 1N3336B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Naina Semiconductor ltd...
1N3336B NAINA-1N3336B Datasheet
203Kb / 1P
   50W ZENER(DO5)
1N3336B NAINA-1N3336B Datasheet
109Kb / 1P
   Zener Diodes
logo
New Jersey Semi-Conduct...
1N3336B NJSEMI-1N3336B Datasheet
309Kb / 2P
   ZENER DIODE
logo
Microsemi Corporation
1N3336B MICROSEMI-1N3336B Datasheet
380Kb / 3P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3336B NJSEMI-1N3336B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
More results

Descripción similar - 1N3336B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
America Semiconductor, ...
1N3305 AMERICASEMI-1N3305 Datasheet
1Mb / 2P
   50W Zener Diodes
logo
Naina Semiconductor ltd...
1N3305B NAINA-1N3305B Datasheet
203Kb / 1P
   50W ZENER(DO5)
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com