Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM36011 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM36011
Descripción Electrónicos  Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM36011 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM36011 Datasheet HTML 6Page - Texas Instruments LM36011 Datasheet HTML 7Page - Texas Instruments LM36011 Datasheet HTML 8Page - Texas Instruments LM36011 Datasheet HTML 9Page - Texas Instruments LM36011 Datasheet HTML 10Page - Texas Instruments LM36011 Datasheet HTML 11Page - Texas Instruments LM36011 Datasheet HTML 12Page - Texas Instruments LM36011 Datasheet HTML 13Page - Texas Instruments LM36011 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
STROBE
ILED
TIME-OUT
Start
TIME-OUT
Reached
VOUT goes low,
LED turn off
STROBE
ILED
10
LM36011
SNVSAN5 – JULY 2017
www.ti.com
Product Folder Links: LM36011
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Flash Mode
In flash mode, the LED current source provides 128 target current levels from 11 mA to 1.5 A, set by the LED
Flash Brightness Register (0x03 bits [6:0]). Flash mode is activated by the Enable Register (0x01), setting mode
M1, M0 (bits [1:0]) to 11. Once the flash sequence is activated, the LED current source ramps up to the
programmed flash current by stepping through all current steps until the programmed current is reached.
When flash mode is enabled using the mode M1, M0 (bits [1:0]) of the Enable Register (0x01), the mode bits in
the Enable Register are cleared after a flash time-out event.
7.3.2 Torch Mode
In torch mode, the LED current source provides 128 target current levels from 2.4 mA to 376 mA, set by the LED
Torch Brightness Register (0x04 bits [6:0]). Torch mode is activated by the Enable Register (0x01), setting mode
M1, M0 (bits [1:0]) to 10. Once the TORCH sequence is activated, the LED current source ramps up to the
programmed torch current by stepping through all current steps until the programmed current is reached. The
rate at which the current ramps is determined by the value chosen in the Torch Ramp bit [0] in Timing Register
(0x02).
7.3.3 IR Mode
In IR mode, the target LED current is equal to the value stored in the LED Flash Brightness Register (0x03 bits
[7:0]). IR mode is enabled by the Enable Register (0x01) setting mode M1, M0 (bits [1:0]) to 01. In IR mode,
toggling the STROBE pin enables and disables the LED current source. The STROBE pin can only be set to be
Level sensitive, as all timing of the IR pulse is externally controlled. In IR mode, the current source does not
control the ramp rate of the LED output. The current transitions immediately from off to on and then on to off.
Figure 17. IR Mode
(1)
When the flash timer elapses, the device goes into stand-by regardless of strobe state
Figure 18. IR Mode Time-out


Número de pieza similar - LM36011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36010YKBR TI1-LM36010YKBR Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results

Descripción similar - LM36011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
   Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
logo
Infineon Technologies A...
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com