Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3348B Datasheet(PDF) 2 Page - Naina Semiconductor ltd. |
|
1N3348B Datasheet(HTML) 2 Page - Naina Semiconductor ltd. |
2 / 2 page Naina Semiconductor Ltd. 1N3305 thru 1N3350 2 D-95, Sector 63, Noida – 201301, India • Tel: 0120-4205450 • Fax: 0120-4273653 sales@nainasemi.com • www.nainasemi.com 50W Zener Diodes • Zener impedance is derived from 60Hz AC voltage which results when AC current RMS value (which equals 10% of the DC zener current) is superimposed on IZ • IZM values are derived for a ±5% VZ tolerance Standard voltage tolerances are ±5% (B suffix), ±10% (A suffix) & ±20% (no suffix) Electrical Characteristics (TC = 25OC unless otherwise specified) Type number Nominal Zener Voltage VZ@IZT (Volts) Zener Test Current IZT (mA) Max Zener Impedance Max DC Zener Current IZM (mA) Typical Temp. Coeff. aVZ (%/OC) Max Reverse Current ZZT@IZT (Ohms) ZZK@5mA(IZK) (Ohms) IR (µA) VR (Volts) 1N3305B 1N3306B 1N3307B 1N3308B 1N3309B 1N3310B 6.8 7.5 8.2 9.1 10.0 11.0 1850 1700 1500 1370 1200 1100 0.20 0.30 0.40 0.50 0.60 0.80 70 70 70 70 80 80 6600 5900 5200 4800 4300 3900 0.040 0.045 0.048 0.051 0.055 0.060 300 125 50 25 25 10 4.5 5.0 5.4 6.1 6.7 8.4 1N3311B 1N3312B 1N3313B 1N3314B 1N3315B 1N3316B 12.0 13.0 14.0 15.0 16.0 17.0 1000 960 890 830 780 740 1.00 1.10 1.20 1.40 1.60 1.80 80 80 80 80 80 80 3800 3300 3000 2800 2650 2500 0.065 0.065 0.070 0.070 0.070 0.075 10 10 10 10 10 10 9.1 9.9 11.4 11.4 12.2 13.0 1N3317B 1N3318B 1N3319B 1N3320B 1N3321B 1N3322B 18.0 19.0 20.0 22.0 24.0 25.0 700 660 630 570 520 500 2.00 2.20 2.40 2.50 2.60 2.70 80 80 80 80 80 90 2300 2200 2100 1900 1750 1550 0.075 0.075 0.075 0.080 0.080 0.080 10 10 10 10 10 10 13.7 13.7 15.2 16.7 18.2 18.2 1N3323B 1N3324B 1N3325B 1N3326B 1N3327B 1N3328B 27.0 30.0 33.0 36.0 39.0 43.0 460 420 380 350 320 290 2.80 3.00 3.20 3.50 4.00 4.50 90 90 90 90 90 90 1500 1400 1300 1150 1050 975 0.085 0.085 0.085 0.085 0.090 0.090 10 10 10 10 10 10 20.6 22.8 25.1 27.4 29.7 32.7 1N3329B 1N3330B 1N3331B 1N3332B 1N3333B 1N3334B 1N3335B 45.0 47.0 50.0 51.0 52.0 56.0 62.0 280 270 250 245 240 220 200 4.50 5.00 5.00 5.20 5.50 6.00 7.00 100 100 100 100 100 110 120 930 880 830 810 790 740 660 0.090 0.090 0.090 0.090 0.090 0.090 0.090 10 10 10 10 10 10 10 32.7 35.8 36.0 38.8 42.6 42.6 47.1 1N3336B 1N3337B 1N3338B 1N3339B 1N3340B 1N3341B 1N3342B 68.0 75.0 82.0 91.0 100.0 105.0 110.0 180 170 150 140 120 120 110 8.00 9.00 11.00 15.00 20.00 25.00 30.00 140 150 160 180 200 210 220 600 540 490 420 400 380 365 0.090 0.090 0.090 0.090 0.090 0.095 0.095 10 10 10 10 10 10 10 51.7 56.0 62.2 69.2 76.0 83.0 83.0 1N3343B 1N3344B 1N3345B 1N3346B 1N3347B 1N3348B 1N3349B 1N3350B 120.0 130.0 140.0 150.0 160.0 175.0 180.0 200.0 100 95 90 85 80 70 68 65 40.00 50.00 60.00 75.00 80.00 85.00 90.00 100.0 240 275 325 400 450 500 525 600 335 310 290 270 250 230 220 200 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.100 10 10 10 10 10 10 10 10 91.2 99.8 114.0 114.0 121.6 121.6 136.8 152.0 |
Número de pieza similar - 1N3348B |
|
Descripción similar - 1N3348B |