Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS8644Z36GE-200 Datasheet(PDF) 9 Page - GSI Technology |
|
GS8644Z36GE-200 Datasheet(HTML) 9 Page - GSI Technology |
9 / 32 page GS8644Z18E/GS8644Z36E Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.05b 5/2010 9/31 © 2003, GSI Technology High Z (Data In) Data Out (Q Valid) High Z B W B R B D R W R W D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B, and D represent input command codes as indicated in the Truth Tables. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for: Pipeline and Flow Through Read Write Control State Diagram Flow Through Mode Data I/O State Diagram |
Número de pieza similar - GS8644Z36GE-200 |
|
Descripción similar - GS8644Z36GE-200 |