Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STUA80-T07 Datasheet(PDF) 1 Page - Vitec Power

No. de pieza STUA80-T07
Descripción Electrónicos  80W U-Bracket Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  Vitec [Vitec Power]
Página de inicio  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STUA80-T07 Datasheet(HTML) 1 Page - Vitec Power

  STUA80-T07 Datasheet HTML 1Page - Vitec Power STUA80-T07 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STUA80 SERIES
80W U-Bracket Power Supply for I.T. Equipment
Wide Input Voltage90 to 260 VAC, 47 to 63Hz
Dual to Triple Output
Output voltage available from 3.3 to 24 VDC
Input Surge Current and Overload protection
Class I Insulation
Active Power Factor Correction
Input connector mates with Molex housing 09-50-3051 and Molex 2478 series crimp terminal
Output connector mates with Molex housing 09-50-3131 and Molex 2478 series crimp terminal
Size: 3.2"x5"x1.38"
2 Year Warranty
Approvals:
Multi Output
Product Number
Output #1
Output #2
Output #3
Maximum Output Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
STUA80-D00
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
80W
STUA80-D01
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
80W
STUA80-D02
+5V
1.2A
12A
5%
+15V
0.5A
5A
5%
80W
STUA80-D03
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
80W
STUA80-D04
+3.3V
1.2A
12A
7%
+5V
0.5A
5A
5%
64.6W
STUA80-D15
+5V
1.2A
12A
5%
-24V
0A
2A
5%
80W
STUA80-T00
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
-12V
0A
0.8A
5%
80W
STUA80-T00-1
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
+12V
0A
0.8A
5%
80W
STUA80-T01
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
-5V
0A
0.8A
5%
80W
STUA80-T01-1
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
+5V
0A
0.8A
5%
80W
STUA80-T02
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
-12V
0A
0.8A
5%
80W
STUA80-T02-1
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
+12V
0A
0.8A
5%
80W
STUA80-T03
+5V
1.2A
12A
5%
+15V
0.5A
5A
5%
-15V
0A
0.8A
5%
80W
STUA80-T03-1
+5V
1.2A
12A
5%
+15V
0.5A
5A
5%
+15V
0A
0.8A
5%
80W
STUA80-T04
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
-24V
0A
0.8A
5%
80W
STUA80-T04-1
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
+24V
0A
0.8A
5%
80W
STUA80-T05
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
-12V
0A
0.8A
5%
80W
STUA80-T05-1
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
+12V
0A
0.8A
5%
80W
STUA80-T06
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
-5V
0A
0.8A
5%
80W
STUA80-T06-1
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
+5V
0A
0.8A
5%
80W
STUA80-T07
+5V
1.2A
12A
5%
+10V
0.5A
5A
5%
-10V
0A
1.0A
5%
80W
STUA80-T07-1
+5V
1.2A
12A
5%
+10V
0.5A
5A
5%
+10V
0A
1.0A
5%
80W
STUA80-T08
+3.3V
1.2A
12A
7%
+5V
0.5A
5A
5%
-12V
0A
1.0A
5%
76.6W
STUA80-T08-1
+3.3V
1.2A
12A
7%
+5V
0.5A
5A
5%
-12V
0A
1.0A
5%
76.6W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io = Full load, Vin = 90-260VAC
0.95
0.91
1.0
Output Power Range
Vin=90 to 264VAC
0
80
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
2.0
A
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
39
45
A
Efficiency
Io=Full Load, Vin=230VAC
82
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
5
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.4
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
* Note: The Ripple & Noise which is under 3.3VDC at 2% max


Número de pieza similar - STUA80-T07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vitec Power
STUA80-T07 Vitec-STUA80-T07 Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA80-T07-1 Vitec-STUA80-T07-1 Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
More results

Descripción similar - STUA80-T07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vitec Power
STUA81 Vitec-STUA81 Datasheet
452Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA80-SERIES Vitec-STUA80-SERIES Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA81-SERIES Vitec-STUA81-SERIES Datasheet
452Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA120 Vitec-STUA120 Datasheet
435Kb / 2P
   120W U-Bracket Power Supply for I.T. Equipment
STUA61 Vitec-STUA61 Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA100 Vitec-STUA100 Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA101 Vitec-STUA101 Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA60-SERIES Vitec-STUA60-SERIES Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA100-SERIES Vitec-STUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com